Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS161HFTR Datasheet(PDF) 4 Page - STMicroelectronics

Part # IPS161HFTR
Description  Single channel high-side switches
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPS161HFTR Datasheet(HTML) 4 Page - STMicroelectronics

  IPS161HFTR Datasheet HTML 1Page - STMicroelectronics IPS161HFTR Datasheet HTML 2Page - STMicroelectronics IPS161HFTR Datasheet HTML 3Page - STMicroelectronics IPS161HFTR Datasheet HTML 4Page - STMicroelectronics IPS161HFTR Datasheet HTML 5Page - STMicroelectronics IPS161HFTR Datasheet HTML 6Page - STMicroelectronics IPS161HFTR Datasheet HTML 7Page - STMicroelectronics IPS161HFTR Datasheet HTML 8Page - STMicroelectronics IPS161HFTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
CoD
This pin cannot be left floating and can be used to program the cut-off delay time tcoff, see
Table 8. Protection and diagnostic through an external capacitor (CCoD). The cut-off function
can be completely disabled by connecting the CoD pin to GND through 1 kΩ resistor: in this
condition, the output channel remains in limitation condition, supplying the current to the load
until the input is forced LOW or the thermal shutdown threshold is triggered.
GND
IC ground.
The IC can be protected against reverse polarity using two different solutions:
1. Placing a resistor RGND between IC GND pin and load connection point to GND (RGND >
VCC/Icc, see Table 2. Absolute maximum rating). Note that power dissipated by RGND during
reverse polarity condition is Vcc^2/RGND.
2. Placing a diode in parallel to RGND
The diode must be selected such that its VRRM > |VCC| and power dissipation capability is
higher than VF*IS (see Table 4).
In normal operation (no reverse polarity), there is a voltage drop (ΔV) between GND of the
device and GND of the module.
Using option 1, ΔV = RGND * ICC.
Using option 2, ΔV = VF@(I
S).
Figure 3. Reverse polarity
VCC
IC supply voltage.
IPS160HF, IPS161HF
Pin description
DS13271 - Rev 2
page 4/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com