Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS161HFTR Datasheet(PDF) 25 Page - STMicroelectronics

Part # IPS161HFTR
Description  Single channel high-side switches
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPS161HFTR Datasheet(HTML) 25 Page - STMicroelectronics

Back Button IPS161HFTR Datasheet HTML 19Page - STMicroelectronics IPS161HFTR Datasheet HTML 20Page - STMicroelectronics IPS161HFTR Datasheet HTML 21Page - STMicroelectronics IPS161HFTR Datasheet HTML 22Page - STMicroelectronics IPS161HFTR Datasheet HTML 23Page - STMicroelectronics IPS161HFTR Datasheet HTML 24Page - STMicroelectronics IPS161HFTR Datasheet HTML 25Page - STMicroelectronics IPS161HFTR Datasheet HTML 26Page - STMicroelectronics IPS161HFTR Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
List of tables
Table 1.
Pin configuration .................................................................... 3
Table 2.
Absolute maximum ratings ............................................................. 5
Table 3.
Thermal data....................................................................... 5
Table 4.
Supply ........................................................................... 6
Table 5.
Output stage ....................................................................... 6
Table 6.
Switching (VCC = 24 V; -40 °C < TJ < 125 °C, RLOAD = 48 Ω)...................................... 6
Table 7.
Logic inputs........................................................................ 8
Table 8.
Protection and diagnostic .............................................................. 9
Table 9.
Output stage truth table .............................................................. 10
Table 10.
Minimum cut-off delay for TAMB less than -20 °C ............................................. 12
Table 11.
PowerSSO12 package mechanical data ................................................... 21
Table 12.
Document revision history ............................................................. 23
IPS160HF, IPS161HF
List of tables
DS13271 - Rev 2
page 25/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com