Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS161HFTR Datasheet(PDF) 13 Page - STMicroelectronics

Part # IPS161HFTR
Description  Single channel high-side switches
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPS161HFTR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button IPS161HFTR Datasheet HTML 9Page - STMicroelectronics IPS161HFTR Datasheet HTML 10Page - STMicroelectronics IPS161HFTR Datasheet HTML 11Page - STMicroelectronics IPS161HFTR Datasheet HTML 12Page - STMicroelectronics IPS161HFTR Datasheet HTML 13Page - STMicroelectronics IPS161HFTR Datasheet HTML 14Page - STMicroelectronics IPS161HFTR Datasheet HTML 15Page - STMicroelectronics IPS161HFTR Datasheet HTML 16Page - STMicroelectronics IPS161HFTR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
6.4
Open load in off-state
The IC provides the open load detection feature which detects if the load is disconnected from the OUT pin. This
feature can be activated by a resistor (RPU) between OUT and VCC pins.
Figure 7. Open load off-state
OUT
PGND
SUPPLY RAIL
GROUND PLANE
Application board
IC
RLOAD
RPU
Open load
detection signal
+
-
VOLOFF
VCC
VCC
EXPOSED PAD
RLED
RI
In case of wire break and during the OFF state (IN = low), the output voltage VOUT rises according to the
partitioning between the external pull-up resistor and the internal impedance of the IC (130 kΩ < RI < 360 kΩ).
The effect of the LED (if any) on the output pin has to be considered as well. In case of wire break and during the
ON state (IN = high), the output voltage VOUT is pulled up to VCC by the low resistive integrated switch. If the load
is not connected, in order to guarantee the correct open load signalization it must result:
VOUT > VOLoff(max.)
Referring to the circuit in Figure 7. Open load off-state:
VOUT=VCC−RPU×IPU=VCC−RPU× IRI+ILED+IRL
(1)
therefore:
RPU< VCCmin −VOLoffmax
VOLoffmax
RImin +VOLoffmax −VLED
RLED
(2)
If the load is connected, in order to avoid any false signalization of the open load, the following condition must
hold:
VOUT < VOLoff(min)
By taking into account the circuit in figure 6:
VOUT=VCC−RPU×IPU=VCC−RPU× VOUTRI+VOUT−VLED
RLED +VOUTRL
(3)
so:
RPU>
VCCmax −VOLoffmin
VOLoffmin
RImax +VOLoffmin −VLED
RLED +VOLoffmin
RL
(4)
The fault condition is signaled on the DIAG pin and the fault reset occurs when load is reconnected.
If the channel is switched on by the IN pin, the fault condition is no longer detected.
IPS160HF, IPS161HF
Open load in off-state
DS13271 - Rev 2
page 13/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com