Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS161HFTR Datasheet(PDF) 12 Page - STMicroelectronics

Part # IPS161HFTR
Description  Single channel high-side switches
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPS161HFTR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button IPS161HFTR Datasheet HTML 8Page - STMicroelectronics IPS161HFTR Datasheet HTML 9Page - STMicroelectronics IPS161HFTR Datasheet HTML 10Page - STMicroelectronics IPS161HFTR Datasheet HTML 11Page - STMicroelectronics IPS161HFTR Datasheet HTML 12Page - STMicroelectronics IPS161HFTR Datasheet HTML 13Page - STMicroelectronics IPS161HFTR Datasheet HTML 14Page - STMicroelectronics IPS161HFTR Datasheet HTML 15Page - STMicroelectronics IPS161HFTR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
Figure 6. Current limitation and cut-off
ILIM
tCOFF
t
IOUT
V IN
t
t
TJ TJSD
t
V DIAG
tPD(L-H)
tPD(H-L)
<
The fault condition is reported on the DIAG pin. The internal cut-off flag signal is latched at output switch-off and
released after the time tRES, the same behavior is signaled on DIAG pin.
The status of the DIAG is independent on the IN pin status.
If CoD pin is connected to GND through 1 kΩ resistor (cut-off feature disabled), when the output channel triggers
the limitation threshold, it remains on, in current limitation condition, until the input becomes LOW or the thermal
protection threshold is triggered.
In case of low ambient temperature conditions (TAMB < -20 °C) and high supply voltage (VCC > 36 V), the cut-off
function requires activation in order to avoid damaging the IC.
The following table shows the suggested cut-off delay for different operating voltages.
Table 10. Minimum cut-off delay for TAMB less than -20 °C
VCC [V]
Cut-off delay [μs]
Cut-off capacitance [nF]
36-48
100
2.2
48-60
50
1
IPS160HF, IPS161HF
Cut-off
DS13271 - Rev 2
page 12/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com