Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1074ARWZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP1074ARWZ-R7
Description  Isolated, Synchronous Forward Controller with Active Clamp and iCoupler
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1074ARWZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADP1074ARWZ-R7 Datasheet HTML 1Page - Analog Devices ADP1074ARWZ-R7 Datasheet HTML 2Page - Analog Devices ADP1074ARWZ-R7 Datasheet HTML 3Page - Analog Devices ADP1074ARWZ-R7 Datasheet HTML 4Page - Analog Devices ADP1074ARWZ-R7 Datasheet HTML 5Page - Analog Devices ADP1074ARWZ-R7 Datasheet HTML 6Page - Analog Devices ADP1074ARWZ-R7 Datasheet HTML 7Page - Analog Devices ADP1074ARWZ-R7 Datasheet HTML 8Page - Analog Devices ADP1074ARWZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Data Sheet
ADP1074
Rev. D | Page 3 of 32
GENERAL DESCRIPTION
The ADP1074 is a current mode, fixed frequency, active clamp,
synchronous forward controller designed for isolated dc to dc
power supplies. Analog Devices proprietary iCouplers® are
integrated in the ADP1074 to eliminate the bulky signal trans-
formers and optocouplers that transmit signals over the isolation
boundary. Integrating the iCouplers reduces system design
complexity, cost, and component count and improves overall
system reliability. With the integrated isolators and metal-oxide
semiconductor field effect transistor (MOSFET) drivers on both
the primary and the secondary side, the ADP1074 offers a compact
system level design and yields a higher efficiency than a non-
synchronous forward converter at heavy loads.
The primary side pins provide functions for programming the
switching frequency, maximum duty cycle, external frequency
synchronization, and slope compensation.
The secondary side pins provide functions for differential output
voltage sensing, overvoltage, power good, tracking, and
programmable light load mode setting.
The feedback signal and timing of synchronous rectifier pulse-
width modulations (PWMs) are transmitted from primary to
secondary or from secondary to primary sides through the
i
Couplers using a proprietary transmission scheme.
The ADP1074 also offers features such as input current
protection, undervoltage lockout (UVLO), precision enable
with adjustable hysteresis, overtemperature protection (OTP),
and power saving light load mode (LLM).
Table 1. Related Products1
Lead Free Finish
Tape and Reel2
Part
Marking
Package Description
Temperature
Range3
LT8672EMS#WPBF
LT8672EMS#WTRPBF
LTGYT
10-lead plastic MSOP
−40°C to +125°C
LT8672IMS#WPBF
LT8672IMS#WTRPBF
LTGYT
10-lead plastic MSOP
−40°C to +125°C
LT8672JMS#WPBF
LT8672JMS#WTRPBF
LTGYT
10-lead plastic MSOP
−40°C to +150°C
LT8672HMS#WPBF
LT8672HMS#WTRPBF
LTGYT
10-lead plastic MSOP
−40°C to +150°C
LT8672EDDBM#WTRMPBF
LT8672EDDBM#WTRPBF
LHJR
10-lead, 3 mm × 2 mm, plastic side wettable
DFN package
−40°C to +125°C
LT8672IDDBM#WTRMPBF
LT8672IDDBM#WTRPBF
LHJR
10-lead, 3 mm × 2 mm, plastic side wettable
DFN package
−40°C to +125°C
LT8672JDDBM#WTRMPBF
LT8672JDDBM#WTRPBF
LHJR
10-lead, 3 mm × 2 mm, plastic side wettable
DFN package
−40°C to +150°C
1 Versions of these devices are available with controlled manufacturing to support the quality and reliability requirements of automotive applications. These models are
designated with a W suffix. Only the automotive grade products shown are available for use in automotive applications. Contact a local Analog Devices account
representative for specific product ordering information and to obtain the specific automotive reliability reports for these models.
2 Some packages are available in 500 unit reels through designated sales channels. These versions feature the #TRMPBF suffix.
3 Contact the factory for devices specified with wider operating temperature ranges. The temperature grade is identified by a label on the shipping container.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com