Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1074ARWZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADP1074ARWZ-R7
Description  Isolated, Synchronous Forward Controller with Active Clamp and iCoupler
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1074ARWZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADP1074ARWZ-R7 Datasheet HTML 14Page - Analog Devices ADP1074ARWZ-R7 Datasheet HTML 15Page - Analog Devices ADP1074ARWZ-R7 Datasheet HTML 16Page - Analog Devices ADP1074ARWZ-R7 Datasheet HTML 17Page - Analog Devices ADP1074ARWZ-R7 Datasheet HTML 18Page - Analog Devices ADP1074ARWZ-R7 Datasheet HTML 19Page - Analog Devices ADP1074ARWZ-R7 Datasheet HTML 20Page - Analog Devices ADP1074ARWZ-R7 Datasheet HTML 21Page - Analog Devices ADP1074ARWZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
ADP1074
Data Sheet
Rev. D | Page 18 of 32
PRIMARY SIDE SUPPLY, INPUT VOLTAGE, AND LDO
Two pins on the primary side are supply pins: VIN and
VREG1. A high voltage LDO regulator connected to VIN has a
regulated output of 8 V at the VREG1 pin. This LDO regulator
provides power to the internal bias circuitry, primary side
iCouplers and housekeeping circuits, and the primary
MOSFET drivers at the NGATE and PGATE pins.
To reduce power consumption in the LDO for input voltages
higher than approximately 30 V, an auxiliary winding on the
transformer of the active clamp forward topology can be used
to power VREG1. This auxiliary supply voltage must be higher
than the regulated output at VREG1 so that the LDO shuts off
during normal operation. The recommended auxiliary voltage
is ≥8.5 V and ≤13 V because an internal 14 V Zener diode is
connected at VREG1.
For a high input voltage application to avoid losses in the LDO,
connect the VIN and VREG1 pins together and apply an auxiliary
voltage of 8 V to 10 V, which exceeds the VIN pin UVLO of
typically 4.5 V. Take care that this voltage does not exceed the
internal Zener clamp voltage of 14 V (typical). The typical value
is 10 V.
SECONDARY SIDE SUPPLY AND LDO
Two pins on the secondary side are supply pins: VDD2 and
VREG2.
The secondary side is typically powered by the output rail of the
converter by connecting it to the VDD2 pin. The UVLO for the
secondary side is typically 3.5 V, at which the secondary side
starts up. For output voltages less than the secondary UVLO
voltage, a third winding is required to generate an auxiliary voltage
to power the secondary circuitry. The internal 5 V LDO regulator
at the VREG2 pin powers the MOSFET drivers, secondary side
i
Couplers, and housekeeping circuits. When VDD2 is less than
5 V, the LDO regulator operates in dropout mode.
For output voltages higher than 24 V, connecting the output
voltage directly to VDD2 can result in significant power
dissipation in the LDO. For instance, at 24 V and with the total
driver current at 10 mA, the power dissipated in the LDO is
0.19 W (10 mA × 19 V). It is recommended to power VDD2
with an auxiliary voltage in the 8 V to 12 V range.
PRECISION ENABLE
The enable threshold at the EN pin is precision voltage referenced
at 1.2 V. Assuming VIN is above the UVLO voltage (typically
4.5 V), the ADP1074 is enabled when the voltage at EN rises above
1.2 V. The crossing of the voltage, such that VEN > 1.2 V,
enables the internal 8 V LDO regulator on the VREG1 pin, and,
after the internal biasing is finished, a soft start procedure is
initiated.
Connect a resistive divider between EN and VIN to set up the
input start-up voltage (see Figure 14.) An internal current source
at EN allows the user to program the UVLO start-up voltage with
a desirable hysteresis. To calculate the start-up voltage with
hysteresis, use the superposition theorem or nodal analysis to
obtain the EN pin voltage, as follows:
(||
)
EN
IN
EN
R2
VV
I
R1 R2
RH
R1 R2

where:
VEN is the EN pin voltage.
IEN is the current source at the EN pin (1 μA for turn on and
4 μA for turn off).
The user can adjust the R1, R2, and RH resistors such that
VEN ≥ 1.2 V and obtain the desired hysteresis.
An internal 1 μA pull-down current is always on, and the 3 μA
current is active only when the VEN is below the EN threshold
and becomes inactive when VEN is above the EN threshold.
In general, a higher input voltage requires a larger hysteresis. It
is recommended to keep a capacitor on the EN pin to AGND1
to provide a low impedance path that prevents any noise, which
toggles the EN pin when the input voltage hovers at the threshold.
8V LDO
ADP1074
1µA
3µA
LOGIC
VREF
1.2V
R1
R2
RH
VIN
EN
HYSTERESIS
GENERATOR
Figure 14. Precision EN with Adjustable Hysteresis
When the EN pin is less than the EN threshold, the system
enables the soft stop procedure. SR1 and SR2 take up to a
maximum of two switching periods to terminate. See the Soft
Start Procedure section for more details.
SOFT START PROCEDURE
The following procedure assumes that the VDD2 pin is powered
directly from the output voltage of the power supply.
To ensure a smooth output voltage ramp during startup, the
soft start sequence is controlled by two soft start control circuits,
one in the primary (for open-loop soft start, using the SS1 pin)
and the other in the secondary (for closed-loop soft start, using
the SS2 pin). Proper handshaking between the primary side and
the secondary side is needed prior to the secondary side taking
control.
The open-loop soft start time is determined by the capacitor on
the SS1 pin. This pin sources a 9.1 μA constant current that
builds up a voltage on the SS1 pin. The voltage on the SS1 pin is
proportional to the peak primary current limit where 0 V and
1.5 V correspond to a peak current of 0 A and 120 mV/RSENSE,
respectively. This rate is the open-loop soft start. During this
time, the ADP1074 starts firing the PWM pulses, and the
output voltage continues to build up slowly if the average
inductor current limit exceeds the load current. Because the
ADP1074 is a current mode controller, the output capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com