Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1074ARWZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP1074ARWZ-R7
Description  Isolated, Synchronous Forward Controller with Active Clamp and iCoupler
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1074ARWZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP1074ARWZ-R7 Datasheet HTML 12Page - Analog Devices ADP1074ARWZ-R7 Datasheet HTML 13Page - Analog Devices ADP1074ARWZ-R7 Datasheet HTML 14Page - Analog Devices ADP1074ARWZ-R7 Datasheet HTML 15Page - Analog Devices ADP1074ARWZ-R7 Datasheet HTML 16Page - Analog Devices ADP1074ARWZ-R7 Datasheet HTML 17Page - Analog Devices ADP1074ARWZ-R7 Datasheet HTML 18Page - Analog Devices ADP1074ARWZ-R7 Datasheet HTML 19Page - Analog Devices ADP1074ARWZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
ADP1074
Data Sheet
Rev. D | Page 16 of 32
THEORY OF OPERATION
The ADP1074 is a current mode, fixed frequency, active clamp,
synchronous forward controller designed for isolated dc to dc
power supplies. Analog Devices proprietary iCouplers are
integrated in the ADP1074 to eliminate the bulky signal trans-
formers and optocouplers that transmit signals over the isolation
boundary. Integrating the iCouplers reduces system design
complexity, cost, and component count and improves overall
system reliability. With the integrated isolators and MOSFET
drivers on both the primary and the secondary side, the ADP1074
offers a compact system level design and yields a higher efficiency
than a nonsynchronous forward converter at heavy loads.
Traditionally in a forward or flyback converter, a discrete opto-
coupler is used in the feedback path to transmit the signal from
the secondary to the primary side, and an external transformer
is used for transmitting the PWM signal from the primary to
the secondary side for synchronous rectification. However, the
current transfer ratio (CTR) of the optocouplers degrades over
time and over temperature and so the optocoupler must be
replaced every five to ten years, depending on the manufacturing
quality and optocoupler grade that determines the initial CTR. The
ADP1074 eliminates the use of optocouplers and signal
transformers, thus reducing system cost, PCB area, and
complexity while improving system reliability, without the
issue of CTR degradation of the optocouplers.
The ADP1074 controller offers a complete solution for an isolated
dc to dc power supply by integrating the 5 kV isolators and the
primary and secondary control circuitries in one package.
The PWM controls are performed on the primary side by
sensing the input peak current cycle by cycle with a sense resistor
at the source of the main switching MOSFET. The output of the
converter is sensed by the secondary circuitry, which sends the
feedback and PWM signals to the primary side via the 5 kV
integrated isolators for a complete control loop solution.
The primary circuitry in the ADP1074 includes an 8 V LDO,
input current sensing, bias circuit, and MOSFET drivers
including an active clamp reset driver, slope compensation,
external frequency synchronization, PWM generator, and a
programmable maximum duty cycle setting. The primary side
also has pins for differential sensing of the current sense signal.
The secondary circuitry includes the feedback compensation, a
5 V LDO regulator, an internal reference, two MOSFET drivers for
synchronous rectification, and a dedicated pin for overvoltage
protection. Additionally, the secondary side features differential
output voltage sensing and power good pins, and a program-
mable light load mode setting.
The integrated iCouplers carry out the communications
between the primary and secondary sides by transmitting the
feedback signal and the PWMs over the isolation barrier.
The feedback signal and timing of synchronous rectifier PWMs
are transmitted between the primary and the secondary sides,
or between the secondary and primary sides, through the
i
Couplers using a proprietary transmission scheme.
The ADP1074 also offers features such as input current protection,
UVLO, precision enable with adjustable hysteresis, OTP, LLM,
and tracking.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com