Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1074ARWZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADP1074ARWZ-R7
Description  Isolated, Synchronous Forward Controller with Active Clamp and iCoupler
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1074ARWZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADP1074ARWZ-R7 Datasheet HTML 15Page - Analog Devices ADP1074ARWZ-R7 Datasheet HTML 16Page - Analog Devices ADP1074ARWZ-R7 Datasheet HTML 17Page - Analog Devices ADP1074ARWZ-R7 Datasheet HTML 18Page - Analog Devices ADP1074ARWZ-R7 Datasheet HTML 19Page - Analog Devices ADP1074ARWZ-R7 Datasheet HTML 20Page - Analog Devices ADP1074ARWZ-R7 Datasheet HTML 21Page - Analog Devices ADP1074ARWZ-R7 Datasheet HTML 22Page - Analog Devices ADP1074ARWZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
Data Sheet
ADP1074
Rev. D | Page 19 of 32
starts charging only when the primary current limit exceeds the
load current requirement.
The rate at which the SS1 pin voltage rises to the maximum
current limit is given by
dt = CSS1 × 1.5/(9.1 μA)
The handshaking process is as follows.
When VDD2 reaches the UVLO of approximately 3.5 V, the
internal circuitry on the secondary side is activated and the
ADP1074 initiates the following process:
1.
The ADP1074 makes the voltage on the SS2 pin equal to
the value on the FB pin, with an SS2 pin current, at ten
times the nominal current source of 20 μA on the SS2 pin.
2.
Simultaneously, the current limit on the primary (which is
the voltage on SS1) is transferred over to the secondary
side, and the voltage on the COMP pin is made equal to
the instantaneous SS1 voltage ± 100 mV. There is a
timeout for this process, which is 1.5 ms after the VDD2
UVLO threshold is crossed.
When this process is satisfied, the transmission of the COMP
signal occurs from the secondary to the primary side. The
ADP1074 transmits the COMP signal by continuously sampling
the analog signal at the COMP pin. The sampled value is then
transmitted using a proprietary scheme to the primary side where
the instantaneous value of the CS pin is compared to the COMP
level to determine the falling edge of the NGATE pulse. The
COMP signal is, therefore, a representation of the primary
current limit.
After COMP transmission begins, the primary side receives the
signal and control is completely handed over to the secondary
side when either the received level of COMP on the primary side
is within ±100 mV, or up to 128 switching periods (typically 8)
have passed, starting from the first pulse being transmitted to
the primary side.
Then, the control is handed over to the secondary side and the
closed-loop soft start begins, where the SS2 capacitor is charged
at a nominal rate of 20 μA. The output voltage then rises to the
regulation voltage based on the SS2 pin voltage. The voltage on
the SS2 pin continues to rise to 1.2 V, that is, the steady state
voltage on the FB pin. At this stage, the power supply is in
regulation, and the output voltage is at its target value.
At the end of the soft start process, the voltage on the SS2 pin
continues to rise to approximately 1.4 V. The instant that the
handover takes place, SS1 is discharged to 0 V. In steady state,
the FB pin (that is, the reference voltage) is 1.2 V.
The SR1 and SR2 synchronous drivers begin to pulse after
VDD2 crosses the UVLO threshold.
If the voltage at the VDD2 pin is greater than the UVLO voltage,
such as a soft start from the precharged output, or if the VDD2 pin
is powered by an external supply, the secondary side assumes
control from the moment the EN pin is enabled, and only SS2 is
used for the soft start procedure.
When initiating a soft start from the precharged output, the SS2
pin tracks the FB pin and then initiates a soft start. This process
eliminates any glitches in the output voltage.
When soft starting into a precharged output, the SRx gates are
prevented from turning on until the SS2 voltage has reached
the precharged voltage at the FB pin. This soft start scheme
prevents the output from being discharged, and it prevents reverse
current.
Under abnormal situations, such as a shorted load or a
transient condition on the load during the soft start process, FB
may not be able to track SS2 accurately. If this occurs before the
VDD2 UVLO threshold is crossed, SS1 is in control. If it occurs
after the VDD2 UVLO threshold is crossed, SS2 tracks the FB
pin and then continues with the soft start process until the
regulation voltage is reached. In all conditions, control is
handed over to the secondary if FB ≥ 1.2 V.
When the secondary VDD2 is directly powered by the output
of the converter, the minimum output voltage required is
higher than the secondary UVLO voltage. For output voltages
less than the secondary UVLO voltage, a third winding is needed
to generate an auxiliary voltage to power the secondary side
circuitry. Alternately, in most cases, a diode resistor capacitor
combination from the switch node can provide the voltage to
VDD2.
OUTPUT VOLTAGE SENSING AND FEEDBACK
The output voltage of the converter is set by a resistive divider
to the FB pin. The resistive divider must be set in a manner
such that the voltage at the FB pin is 1.2 V in steady state. The
output voltage must be differentially sensed using the FB pin
and the AGND2 pin.
LOOP COMPENSATION AND STEADY STATE
OPERATION
The FB pin feeds into the negative terminal of a transconductance
amplifier (or gm amplifier) with a gain of approximately 250 μA/V.
The positive input terminal of the gm amplifier is connected to SS2,
which provides the reference setpoint voltage. The output of
the gm amplifier is connected to the COMP pin. The voltage on
the COMP pin is representative of the current peak limit
required to sustain regulation. This pin is continuously
sampled, and the signal is transmitted to the primary side,
where it is compared to the sensed primary current using a
comparator. When the comparator trips, it causes NGATE to
terminate.
Typically, an RC network in series is connected between the
COMP pin and AGND2 for compensation. A high frequency pole
in the form of a capacitor can also be added in parallel to the RC
network.
The output of the gm amplifier is clamped to a minimum and
maximum current of approximately −57 μA and +43 μA,
respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com