Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1074ARWZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP1074ARWZ-R7
Description  Isolated, Synchronous Forward Controller with Active Clamp and iCoupler
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1074ARWZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP1074ARWZ-R7 Datasheet HTML 8Page - Analog Devices ADP1074ARWZ-R7 Datasheet HTML 9Page - Analog Devices ADP1074ARWZ-R7 Datasheet HTML 10Page - Analog Devices ADP1074ARWZ-R7 Datasheet HTML 11Page - Analog Devices ADP1074ARWZ-R7 Datasheet HTML 12Page - Analog Devices ADP1074ARWZ-R7 Datasheet HTML 13Page - Analog Devices ADP1074ARWZ-R7 Datasheet HTML 14Page - Analog Devices ADP1074ARWZ-R7 Datasheet HTML 15Page - Analog Devices ADP1074ARWZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
ADP1074
Data Sheet
Rev. D | Page 12 of 32
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
NGATE 1
PGATE 2
PGND1 3
AGND1 4
SR1
24
SR2
23
PGND2
22
AGND2
21
VREG1 5
VREG2
20
VIN 6
VDD2
19
EN 7
OVP
18
CS 8
FB
17
RT 9
COMP
16
SYNC 10
SS2
15
SS1 11
PGOOD
14
DMAX 12
MODE
13
ADP1074
(Not to Scale)
TOP VIEW
Figure 4. 24-Lead SOIC_W Pin Configuration
AGND1
COMP
4
VREG1
5
VIN
6
EN
7
CS
8
RT
9
13
14
15
16
FB
17
OVP
18
VDD2
19
VREG2
20
AGND2
21
22
23
24
1
2
3
TOP VIEW
(TERMINAL SIDE DOWN)
Not to Scale
ADP1074
10
11
12
AGND1
AGND2
Figure 5. 24-Terminal LGA Pin Configuration
Table 12. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
NGATE
Driver Output for the Main Power MOSFET on the Primary Side. Multiple function pin. Connect a resistor from
NGATE to PGND1 to set up the predetermined dead time between PGATE and SR2.
2
PGATE
Driver for the Active Clamp MOSFET of the Forward Topology. This pin is referenced to PGND1.
3
PGND1
Power Ground on the Primary Side. Star connect this pin to AGND1.
4
AGND1
Analog Ground on the Primary Side. Star connect this pin to PGND1. Use this pin to differentially sense the
primary current sensed with the sense resistor between the CS and AGND1 pins.
5
VREG1
8 V Output for the MOSFET Drivers. Connect 1 μF or greater at this pin. Do not put an external load on this pin.
Reference this pin to PGND1.
6
VIN
Input Voltage. Connect a 4.7 μF capacitor to this pin. The size of this capacitor can be reduced if the input
voltage to this pin is guaranteed stable. Reference this pin to PGND1.
7
EN
Precision Enable Input. The controller is enabled when the voltage at the EN pin is above the EN threshold
voltage. Soft stop is enabled when EN drops below the EN threshold voltage. This pin also has a programmable
EN hysteresis. Reference this pin to AGND1.
8
CS
Input Current Sensing. This pin senses the input pulse width modulated current. Place a current sense resistor
between the source terminal of the power MOSFET and PGND1. This current sense resistor sets up the input
current limit. This pin is also used for an external slope compensator. Connect a resistor from CS to the current
sense resistor to generate a voltage ramp for the slope compensation. Reference this pin to AGND1. Connect a
33 pF to 100 pF capacitor to this pin to act as a resistor capacitor (RC) filter along with the slope compensation
resistor in noisy environments.
9
RT
Switching Period Resistor. Connect two resistors in series that sum up to the appropriate resistor from RT to
AGND1 to set the switching frequency. See the DMAX pin for more information. Also see the Frequency Setting
(RT Pin) section and the Maximum Duty Cycle section for the relevant equations.
10
SYNC
Frequency Synchronization. Connect an external clock to the SYNC pin to synchronize the internal oscillator to
this external clock frequency. Connect SYNC to AGND1 if this feature is not used. It is recommended that the
SYNC frequency be within 10% of the frequency set by the RT pin.
11
SS1
Soft Start 1. Connect a capacitor at this pin to set up the open-loop soft start time. Reference this pin to AGND1.
12
DMAX
Maximum Duty Cycle Control. Connect DMAX to the center tap of the resistive divider at the RT pin to set up the
maximum duty cycle. See the Frequency Setting (RT Pin) section and the Maximum Duty Cycle section for the
relevant equations.
13
MODE
Light Load Mode Setting. Connect MODE to AGND2 to disable discontinuous conduction mode (DCM)
operation, or to a high logic (2.5 V or higher, such as the VREG2 pin) to force LLM operation, or to a resistor to set
up a fixed LLM threshold voltage.
14
PGOOD
Power Good Pin. Open-drain output. Connect a pull-up resistor from PGOOD to VREG2.
15
SS2
Soft Start on the Secondary Side. Connect a capacitor from SS2 to AGND2 to set up the soft start time on the
secondary side.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com