Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1074ARWZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADP1074ARWZ-R7
Description  Isolated, Synchronous Forward Controller with Active Clamp and iCoupler
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1074ARWZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADP1074ARWZ-R7 Datasheet HTML 19Page - Analog Devices ADP1074ARWZ-R7 Datasheet HTML 20Page - Analog Devices ADP1074ARWZ-R7 Datasheet HTML 21Page - Analog Devices ADP1074ARWZ-R7 Datasheet HTML 22Page - Analog Devices ADP1074ARWZ-R7 Datasheet HTML 23Page - Analog Devices ADP1074ARWZ-R7 Datasheet HTML 24Page - Analog Devices ADP1074ARWZ-R7 Datasheet HTML 25Page - Analog Devices ADP1074ARWZ-R7 Datasheet HTML 26Page - Analog Devices ADP1074ARWZ-R7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
Data Sheet
ADP1074
Rev. D | Page 23 of 32
If the load is further reduced and the COMP pin voltage becomes
equal to the minimum COMP clamp level, the ADP1074 enters
pulse skip mode.
The NGATE delay time settings shown in Figure 17 remain
unchanged in LLM operation. Use the following formula to set
up the light load mode threshold:
MODE
GAIN
LLM
PEAK
MODE
I
CS
I
R
8
.
0
_
where:
IPEAK_LLM is the peak primary current at the light load condition.
CSGAIN = 12.5.
IMODE is the current flowing out of the MODE pin.
For a forced CCM operation, connect MODE to AGND2. In
this case, pulse skipping is disabled.
Note also that when the system enters light load mode, the
synchronous rectifiers terminate at the falling edge of SR1. This
termination facilitates the prevention of the PWM at a negative
current, which can cause a spike in voltage that can damage the
synchronous FET.
EXTERNAL START-UP CIRCUIT
For input voltages higher than 36 V, where the power
dissipation in the internal 8 V LDO can be significant, the use of
an external start-up circuit is recommended. (See Figure 18 for
an example.) In this case, the VIN and VREG1 pins are shorted
together and connect to the output of the start-up circuit.
Because the input pre-enable bias current, the (VIN + VREG1)
start-up current, is approximately 160 μA, the output of the start-
up circuit must be able to provide this level of current to
perform a soft start. The auxiliary winding then provides the
bias voltage, shutting off the start-up circuit after soft start
completes.
8V LDO
START-UP
CIRCUIT
ADP1074
1µA
4µA
LOGIC
VREF
1.2V
R1
R2
VIN
VAUX1
VREG UVLO
VIN
VREG1
EN
HYSTERESIS
GENERATOR
Figure 18. Precision EN Circuit Connection with an External Start-Up Circuit
A fast start-up circuit is shown in Figure 19. This circuit requires
two components: a Zener diode, which sets up the start-up
voltage at the VIN and VREG1 pin, and a negative-positive-
negative (NPN) transistor, which sets up a fast current path for
charging up the start-up capacitor, C1. The start-up current
through R1 must be more than 160 μA, which is the minimum
specified start-up current, and it is recommended that the start-
up voltage at VREG1 and VIN be approximately 8 V to 13 V.
The auxiliary winding then provides the bias voltage, shutting
off the NPN transistor after soft start completes.
ADP1074
LDO
R2
C1
2.2µF
D1
8.7V TO 11V
R1
VIN
Q1
R3
VIN
14V
VAUX = 8V TO 13V
FROM
AUXILLIARY
WINDING
VREG1
EN
Figure 19. Fast Start-Up Circuit
SOFT STOP
The ADP1074 employs a soft stop feature that brings the
output voltage gradually down to zero by using the SS2 pin as a
reference. During the soft stop procedure, the SS2 pin is discharged
to zero by a current sink of approximately 1.5 times the value
during closed-loop soft start.
When the voltage at EN drops below the EN threshold, the SR1
and SR2 secondary drivers shut off immediately, and the primary
NGATE pulse width gradually decreases the duty cycle from the
last known condition to the minimum pulse width and down to
zero, causing the output voltage to decrease. The soft stop feature
prevents any reverse current when the controller is shut down.
When the output voltage decreases below the VDD2 UVLO
threshold, there is no transmission of the COMP signal to the
primary side. Therefore, the output voltage continues to decrease
at the rate at which the load current discharges the output
capacitor.
When the load is at a minimum or at no load, the output voltage
does not discharge because any reduction in duty cycle or
current limit does not discharge the output voltage linearly.
POWER GOOD
The PGOOD pin is an open-drain N-channel metal-oxide
semiconductor (nMOS), which is off in fault conditions.
Connect a pull-up resistor between PGOOD and VREG2 or to
an external power supply less than 5.5 V.
To toggle PGOOD, the fault voltage on the FB pin and the OVP
pin must exceed the overvoltage threshold of 1.36 V. PGOOD
also toggles if the FB pin voltage drops 100 mV below the
nominal of 1.2 V, that is, to 1.1 V.
PGOOD toggles again after the output voltage crosses the
PGOOD hysteresis voltage of 36 mV. PGOOD becomes active
after a delay of 5 μs for an FB pin fault and after 90 ns for an
OVP pin fault.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com