Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1074ARWZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP1074ARWZ-R7
Description  Isolated, Synchronous Forward Controller with Active Clamp and iCoupler
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1074ARWZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP1074ARWZ-R7 Datasheet HTML 4Page - Analog Devices ADP1074ARWZ-R7 Datasheet HTML 5Page - Analog Devices ADP1074ARWZ-R7 Datasheet HTML 6Page - Analog Devices ADP1074ARWZ-R7 Datasheet HTML 7Page - Analog Devices ADP1074ARWZ-R7 Datasheet HTML 8Page - Analog Devices ADP1074ARWZ-R7 Datasheet HTML 9Page - Analog Devices ADP1074ARWZ-R7 Datasheet HTML 10Page - Analog Devices ADP1074ARWZ-R7 Datasheet HTML 11Page - Analog Devices ADP1074ARWZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
ADP1074
Data Sheet
Rev. D | Page 8 of 32
REGULATORY INFORMATION
See Table 4, Table 5, and the Insulation Lifetime section for details regarding recommended maximum working voltages for specific cross
isolation waveforms and insulation levels.
Table 4. Regulatory Information for Wide Body SOIC Package
UL (Pending)
CSA (Pending)
VDE (Pending)
CQC (Pending)
Recognized Under UL 1577
Component Recognition
Program1
Approved under CSA Component
Acceptance Notice 5A
Certified according to
DIN V VDE V 0884-10
(VDE V 0884-10):2006-122
Certified by
CQC11-471543-2012,
GB4943.1-2011:
Single Protection, 5000 V rms
Isolation Voltage
CSA 60950-1-07+A1+A2 and IEC 60950-1,
second edition, +A1+A2 and IEC62368:
Reinforced insulation,
maximum working
insulation voltage (VIORM) =
849 V peak,
highest allowable
overvoltage (VIOTM) =
8000 V peak
Basic insulation at 780 V rms
(1103 V peak)
Basic insulation at 780 V rms
(1103 V peak)
Reinforced insulation at 389 V rms
(552 V peak), tropical climate,
altitude ≤5000 meters
Reinforced insulation at 390 V rms
(552 V peak)
IEC 60601-1 Edition 3.1:
Basic insulation (1 means of patient
protection (1 MOPP)), 490 V rms
(686 V peak)
Reinforced insulation (2 MOPP),
238 V rms (325 V peak)
CSA 61010-1-12 and IEC 61010-1 third
edition:
Basic insulation at 300 V rms mains, 780 V
secondary (1103 V peak)
File (pending)
File (pending)
File (pending)
File (pending)
1 In accordance with UL 1577, each product is proof tested by applying an insulation test voltage ≥6000 V rms for 1 sec.
2 In accordance with DIN V VDE V 0884-10, each product is proof tested by applying an insulation test voltage ≥1592 V peak for 1 sec (partial discharge detection limit = 5 pC).
Note that the asterisk (*) marking branded on the component designates DIN V VDE V 0884-10 approval.
Table 5. Regulatory Information for LGA Package
UL (Pending)
CSA (Pending)
VDE (Pending)
CQC (Pending)
Recognized Under UL 1577
Component Recognition
Program1
Approved under CSA Component
Acceptance Notice 5A
Certified according to
DIN V VDE V 0884-10
(VDE V 0884-10):2006-122
Certified by
CQC11-471543-2012,
GB4943.1-2011:
Single Protection, 3000V rms
Isolation Voltage
CSA 60950-1-07+A1+A2 and IEC 60950-1,
second edition, +A1+A2 and IEC62368:
Reinforced insulation,
VIORM = 565 V peak,
VIOTM = 4242 V peak
impulse voltage =
4242 V peak
Basic insulation at 400 V rms
(565 V peak)
Basic insulation at 400 V rms (565 V peak)
Reinforced insulation at 200 V rms
(283 V peak), tropical climate,
altitude ≤5000 meters
Reinforced insulation at 200 V rms
(283 V peak)
IEC 60601-1 Edition 3.1:
Basic insulation (1 means of patient
protection (1 MOPP)), 250 V rms
(354 V peak)
CSA 61010-1-12 and IEC 61010-1 third
edition:
Basic insulation at 300 V rms mains, 400 V
secondary (565 V peak)
File (pending)
File (pending)
File (pending)
File (pending)
1 In accordance with UL 1577, each product is proof tested by applying an insulation test voltage ≥3000 V rms for 1 sec.
2 In accordance with DIN V VDE V 0884-10, each product is proof tested by applying an insulation test voltage ≥1059 V peak for 1 sec (partial discharge detection limit = 5 pC).
Note that the asterisk (*) marking branded on the component designates DIN V VDE V 0884-10 approval.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com