Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2224 Datasheet(PDF) 11 Page - SMSC Corporation

Part # USB2224
Description  BUS POWERED USB2.0 FLASH MEDIA CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2224 Datasheet(HTML) 11 Page - SMSC Corporation

Back Button USB2224 Datasheet HTML 7Page - SMSC Corporation USB2224 Datasheet HTML 8Page - SMSC Corporation USB2224 Datasheet HTML 9Page - SMSC Corporation USB2224 Datasheet HTML 10Page - SMSC Corporation USB2224 Datasheet HTML 11Page - SMSC Corporation USB2224 Datasheet HTML 12Page - SMSC Corporation USB2224 Datasheet HTML 13Page - SMSC Corporation USB2224 Datasheet HTML 14Page - SMSC Corporation USB2224 Datasheet HTML 15Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Bus Powered USB2.0 Flash Media Controller
Datasheet
SMSC USB2224
Page 11
Revision 1.3 (09-21-04)
DATASHEET
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
CF Hardware
Reset
CF_nRESET
O8
This pin is an active low hardware reset signal to CF
device.
CF IO Read
CF_nIOR
O8
This pin is an active low read strobe signal for CF device,
when the CFC is enabled.
CF IO Write
Strobe
CF_nIOW
O8
This pin is an active low write strobe signal for CF device,
when the CFC is enabled.
SmartMedia INTERFACE
SM Write
Protect
SM_nWP
O8
This pin is an active low write protect signal for the SM
device, when the SMC is enabled.
SM Address
Strobe
SM_ALE
O8
This pin is an active high Address Latch Enable signal for
the SM device, when the SMC is enabled.
SM Command
Strobe
SM_CLE
O8
This pin is an active high Command Latch Enable signal
for the SM device, when the SMC is enabled.
SM Data7-0
SM_D[7:0]
I/O8
These pins are the bi-directional data signal SM_D7-
SM_D0, when the SMC is enabled.
SM Read
Enable
SM_nRE
O8
This pin is an active low read strobe signal for SM device,
when SMC is enabled.
SM Write
Enable
SM_nWE
O8
This pin is an active low write strobe signal for SM device,
when SMC is enabled.
SM Write
Protect Switch
SM_nWPS
IPU
A write-protect seal is detected, when this pin is low.
SM Busy or
Data Ready
SM_nB/R
I
This pin is connected to the BSY/RDY pin of the SM
device.
An external pull-up resistor is required on this signal. The
pull-up resistor should be attached to the power of
SM/NAND flash device.
SM Chip
Enable
SM_nCE
O8
This pin is the active low chip enable signal to the SM
device.
SM Card
Detection
SM_nCD
IPU
This is the card detection signal from SM device to
indicate if the device is inserted.
MEMORY STICK INTERFACE
MS Bus State
MS_BS
O8
This pin is connected to the BS pin of the MS device.
It is used to control the Bus States 0, 1, 2 and 3 (BS0,
BS1, BS2 and BS3) of the MS device.
MS System
Data In/Out
MS_SDIO
/MS_D0
I/O8
This pin is a bi-directional data signal for the MS device.
Most significant bit (MSB) of each byte is transmitted first
by either MSC or MS device.
The bi-directional data signal has an internal weak pull-
down resistor.
MS System
Data In/Out
MS_D1
IO8PD
This pin is a bi-directional data signal for the MS device.
The bi-directional data signal has an internal weak pull-
down resistor that is internally controlled.
MS System
Data In/Out
MS_D[3:2]
I/O8
This pin is a bi-directional data signal for the MS device.
The bi-directional data signal has an internal weak pull-
down resistor.
MS Card
Insertion
MS_INS
IPU
This pin is the card detection signal from the MS device to
indicate, if the device is inserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com