Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2224 Datasheet(PDF) 19 Page - SMSC Corporation

Part # USB2224
Description  BUS POWERED USB2.0 FLASH MEDIA CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2224 Datasheet(HTML) 19 Page - SMSC Corporation

Back Button USB2224 Datasheet HTML 12Page - SMSC Corporation USB2224 Datasheet HTML 13Page - SMSC Corporation USB2224 Datasheet HTML 14Page - SMSC Corporation USB2224 Datasheet HTML 15Page - SMSC Corporation USB2224 Datasheet HTML 16Page - SMSC Corporation USB2224 Datasheet HTML 17Page - SMSC Corporation USB2224 Datasheet HTML 18Page - SMSC Corporation USB2224 Datasheet HTML 19Page - SMSC Corporation USB2224 Datasheet HTML 20Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
Bus Powered USB2.0 Flash Media Controller
Datasheet
SMSC USB2224
Page 19
Revision 1.3 (09-21-04)
DATASHEET
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
COMMENTS
I/O24 Type Buffer
Low Output Level
High Output Level
Output Leakage
VOL
VOH
IOL
2.4
-10
0.4
+10
V
V
µA
IOL = 24 mA @
VDDIO= 3.3V
IOH = -12 mA @
VDDIO= 3.3V
VIN = 0 to VDDIO
(Note 7.1)
IO-U
Supply Current Unconfigured
ICCINIT
45
10
60
20
mA
mA
@ VDD, VDDP = 1.8V
@ VDDIO, VDDA =
3.3V
Supply Current Active
(Full Speed)
ICC
35
15
60
30
mA
mA
@ VDD, VDDP = 1.8V
@ VDDIO, VDDA =
3.3V
Supply Current Active
(High Speed)
ICC
45
15
70
30
mA
mA
@ VDD, VDDP = 1.8V
@ VDDIO, VDDA =
3.3V
Supply Current Standby
ICSBY
160
215
180
240
µA
µA
@ VDD, VDDP = 1.8V
@ VDDIO, VDDA =
3.3V
Note 7.1 Output leakage is measured with the current pins in high impedance.
CAPACITANCE TA = 25°C; fc = 1MHz; VDD, VDDP = 1.8V
LIMITS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
TEST CONDITION
Clock Input Capacitance
CIN
20
pF
Input Capacitance
CIN
10
pF
Output Capacitance
COUT
20
pF
All pins except USB
pins (and pins
under test tied to
AC ground)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com