Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2224 Datasheet(PDF) 1 Page - SMSC Corporation

Part # USB2224
Description  BUS POWERED USB2.0 FLASH MEDIA CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2224 Datasheet(HTML) 1 Page - SMSC Corporation

  USB2224 Datasheet HTML 1Page - SMSC Corporation USB2224 Datasheet HTML 2Page - SMSC Corporation USB2224 Datasheet HTML 3Page - SMSC Corporation USB2224 Datasheet HTML 4Page - SMSC Corporation USB2224 Datasheet HTML 5Page - SMSC Corporation USB2224 Datasheet HTML 6Page - SMSC Corporation USB2224 Datasheet HTML 7Page - SMSC Corporation USB2224 Datasheet HTML 8Page - SMSC Corporation USB2224 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
SMSC USB2224
Page 1
Revision 1.3 (09-21-04)
DATASHEET
USB2224
Bus Powered USB2.0
Flash Media Controller
Datasheet
Product Features
Complete System Solution for interfacing
SmartMedia
TM (SM) or xD Picture CardTM (xD),
Memory Stick
TM (MS), High Speed Memory Stick
(HSMS), Memory Stick PRO (MSPRO), MS
Duo
TM, Secure Digital (SD), Mini-Secure Digital
(Mini-SD), Transflash (SD), MultiMediaCard
TM
(MMC), Reduced Size Multimedia Card (RS-
MMC), NAND Flash, Compact Flash
TM (CF), CF
Ultra
TM I & II and CF form-factor ATA hard drives
to USB2.0 bus.
− Supports USB Bulk Only Mass Storage Compliant
Bootable BIOS
Support for simultaneous operation of all above
devices. (only one at a time of each of the
following groups supported: CF or ATA drive, SM
or XD or NAND, SD or MMC)
On-Chip 4-Bit High Speed Memory Stick and MS
PRO Hardware Circuitry
On-Chip firmware reads and writes High Speed
Memory Stick and MS PRO
1-bit ECC correction performed in hardware for
maximum efficiency
USB Bus Power Certified
3.3 Volt I/O with 5V input tolerance
Complete USB Specification 2.0 Compatibility for
Bus Powered Operation
− Includes USB2.0 Transceiver
− A Bi-directional Control and a Bi-directional Bulk
Endpoint are provided.
8051 8 bit microprocessor
− Provides low speed control functions
− 30 Mhz execution speed at 4 cycles per instruction
average
− 12K Bytes of internal SRAM for general purpose
scratchpad
− 768 Bytes of internal SRAM for general purpose
scratchpad or program execution while re-flashing
external ROM
Double Buffered Bulk Endpoint
− Bi-directional 512 Byte Buffer for Bulk Endpoint
− 64 Byte RX Control Endpoint Buffer
− 64 Byte TX Control Endpoint Buffer
Internal or External Program Memory Interface
− 64K Byte Internal Code Space or Optional 64K Byte
External Code Space using Flash, SRAM or EPROM
memory.
On Board 12Mhz Crystal Driver Circuit
On-Chip 1.8V Regulator for Low Power Core
Operation
Internal PLL for 480Mhz USB2.0 Sampling,
Configurable MCU clock
Supports firmware upgrade via USB bus if “boot
block” Flash program memory is used
15 GPIOs for special function use: LED
indicators, button inputs, power control to
memory devices, etc.
− Inputs capable of generating interrupts with either
edge sensitivity
− Attribute bit controlled features:
− Activity LED polarity/operation/blink rate
− Full or Partial Card compliance checking
− Bus or Self Powered
− LUN configuration and assignment
− Write Protect Polarity
− Detach on no Card Inserted for Notebook apps
− Cover Switch operation for xD compliance
− Inquiry Command operation
− SD Write Protect operation
− Older CF card support
− Force USB 1.1 reporting
Compatible with Microsoft WinXP, WinME,
Win2K SP3, Apple OS10, Softconnex, and Linux
Multi-LUN Mass Storage Class Drivers
Win2K, Win98/98SE and Apple OS8.6 and OS9
Multi-LUN Mass Storage Class Drivers available
from SMSC
128 Pin TQFP Package (1.0mm height, 14mm
x14mm footprint); PB free package also available


Similar Part No. - USB2224

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2224 SMSC-USB2224 Datasheet
167Kb / 20P
Bus Powered USB2.0 Flash Media Controller
USB2224-NU-XX SMSC-USB2224-NU-XX Datasheet
167Kb / 20P
Bus Powered USB2.0 Flash Media Controller
USB2224 SMSC-USB2224_06 Datasheet
167Kb / 20P
Bus Powered USB2.0 Flash Media Controller
More results

Similar Description - USB2224

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2227 SMSC-USB2227 Datasheet
919Kb / 26P
4TH GENERATION USB2.0 FLASH MEDIA CONTROLLER WITH INTEGRATED CARD POWER FETS
USB2223-03 SMSC-USB2223-03 Datasheet
286Kb / 20P
BUS POWERED USB 2.0 FLASH MEDIA CONTROLLER
logo
ELAN Microelectronics C...
EKF5280 EMC-EKF5280 Datasheet
182Kb / 14P
USB2.0 Flash Controller
logo
SONiX Technology Compan...
SN20086APF SONIX-SN20086APF Datasheet
159Kb / 15P
USB2.0 Flash Disk Controller
logo
SMSC Corporation
USB97C223 SMSC-USB97C223 Datasheet
274Kb / 20P
Bus Powered USB 2.0 Flash Media Controller
USB2223-03 SMSC-USB2223-03_06 Datasheet
166Kb / 20P
Bus Powered USB2.0 Flash Media Controller
USB2224 SMSC-USB2224_06 Datasheet
167Kb / 20P
Bus Powered USB2.0 Flash Media Controller
USB2227 SMSC-USB2227_06 Datasheet
949Kb / 27P
4th Generation USB2.0 Flash Media Controller with Integrated Card Power FETs
logo
List of Unclassifed Man...
AU6386 ETC2-AU6386 Datasheet
415Kb / 19P
USB2.0 Flash Disk Controller
AU6389 ETC2-AU6389 Datasheet
440Kb / 19P
USB2.0 Flash Disk Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com