Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2224 Datasheet(PDF) 14 Page - SMSC Corporation

Part # USB2224
Description  BUS POWERED USB2.0 FLASH MEDIA CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2224 Datasheet(HTML) 14 Page - SMSC Corporation

Back Button USB2224 Datasheet HTML 10Page - SMSC Corporation USB2224 Datasheet HTML 11Page - SMSC Corporation USB2224 Datasheet HTML 12Page - SMSC Corporation USB2224 Datasheet HTML 13Page - SMSC Corporation USB2224 Datasheet HTML 14Page - SMSC Corporation USB2224 Datasheet HTML 15Page - SMSC Corporation USB2224 Datasheet HTML 16Page - SMSC Corporation USB2224 Datasheet HTML 17Page - SMSC Corporation USB2224 Datasheet HTML 18Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Bus Powered USB2.0 Flash Media Controller
Datasheet
Revision 1.3 (09-21-04)
Page 14
SMSC USB2224
DATASHEET
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
General
Purpose I/O
GPIO4
I/O8
This pin may be used either as input, edge sensitive
interrupt input, or output.
This pin’s function while operating from internal ROM is
shown in Table 6.3 - GPIO Usage.
General
Purpose I/O
GPIO5
I/O8
This pin may be used either as input, edge sensitive
interrupt input, or output.
This pin’s function while operating from internal ROM is
shown in Table 6.3 - GPIO Usage.
General
Purpose I/O
GPIO7
I/O8
This pin may be used either as input, edge sensitive
interrupt input, or output.
This pin’s function while operating from internal ROM is
shown in Table 6.3 - GPIO Usage.
General
Purpose I/O
GPIO[15:8]
I/O8
These pins may be used either as input, or output.
These pins’ functions while operating from internal ROM
are shown in Table 6.3 - GPIO Usage.
RESET input
nRESET
IS
This active low signal is used by the system to reset the
chip. The active low pulse should be at least 1
µs wide.
TEST Input
nTEST[0:1]
I
These signals are used for testing the chip. User should
normally tie them high externally.
DIGITAL POWER, GROUNDS, and NO CONNECTS
1.8v Digital
Core Power
VDDCORE
+1.8V Core power
All VDDCORE pins must be connected together on the
circuit board.
Pin 91 MUST have a 10uf +/- 20%, (equivalent series
resistance (ESR) <0.1ohm) bypass capacitor to VSSA,
and this capacitor should be placed as close to the pin as
possible.
3.3v Digital I/O
power
VDDIO
+3.3V I/O power
VDDCORE
reference
ground
VSSCORE
VDDCORE ground Reference
VDDIO
reference
ground
VSSIO
VDDIO ground reference
Note 1:
Hot-insertion capable card connectors are required for all of flash medias. It is required for SD connector to
have Write Protect switch. This allows the chip to detect MMC card.
Note 2:
nMCE is normally asserted except when the system is in standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com