Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2224 Datasheet(PDF) 7 Page - SMSC Corporation

Part # USB2224
Description  BUS POWERED USB2.0 FLASH MEDIA CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2224 Datasheet(HTML) 7 Page - SMSC Corporation

Back Button USB2224 Datasheet HTML 3Page - SMSC Corporation USB2224 Datasheet HTML 4Page - SMSC Corporation USB2224 Datasheet HTML 5Page - SMSC Corporation USB2224 Datasheet HTML 6Page - SMSC Corporation USB2224 Datasheet HTML 7Page - SMSC Corporation USB2224 Datasheet HTML 8Page - SMSC Corporation USB2224 Datasheet HTML 9Page - SMSC Corporation USB2224 Datasheet HTML 10Page - SMSC Corporation USB2224 Datasheet HTML 11Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Bus Powered USB2.0 Flash Media Controller
Datasheet
SMSC USB2224
Page 7
Revision 1.3 (09-21-04)
DATASHEET
3.2
128 Pin List Table
3.2.1
128 Pin TQFP
PIN #
NAME
MA
PIN #
NAME
MA
PIN #
NAME
MA
PIN #
NAME
MA
1
MA0
8
33
MS_D2
8
65
CF_nCD2
-
97
ATEST
-
2
MA1
8
34
MS_D1
8
66
CF_IRQ
-
98
VDDP
3
MA2
8
35
MS_D0
8
67
CF_IORDY
-
99
XTAL2
-
4
VDDIO
36
MS_SCLK
8
68
CF_nIOR
8
100 XTAL1
-
5
MA3
8
37
MS_BS
8
69
CF_nIOW
8
101 VSSP
6
MA4
8
38
SD_nWP
-
70
CF_nRESET
8
102 VDDA(REF)
7
MA5
8
39
VDDIO
71
CF_nCS0
8
103 RBIAS
-
8
MA6
8
40
SD_DAT0
8
72
CF_nCS1
8
104 VSSA(REF)
9
MA7
8
41
SD_DAT1
8
73
CF_SA0
8
105 VDDA
10
MA8
8
42
SD_DAT2
8
74
VDDIO
106 USB+
-
11
MA9
8
43
SD_DAT3
8
75
CF_SA1
8
107 USB-
-
12
MA10
8
44
SD_CMD
8
76
CF_SA2
8
108 VSSA
13
MA11
8
45
SD_CLK
8
77
SM_D0
8
109 nRESET
-
14
MA12
8
46
CF_D0
8
78
SM_D1
8
110 VSSCORE
15
MA13
8
47
CF_D1
8
79
VSSIO
111 nTEST0
-
16
VDDCORE
48
CF_D2
8
80
SM_D2
8
112 nTEST1
-
17
MA14
8
49
CF_D3
8
81
SM_D3
8
113 GPIO1
8
18
MA15
8
50
CF_D4
8
82
SM_D4
8
114 GPIO2
8
19
MD0
8
51
VSSIO
83
SM_D5
8
115 GPIO3
8
20
MD1
8
52
VSSCORE
84
SM_D6
8
116 GPIO4
8
21
MD2
8
53
CF_D5
8
85
SM_D7
8
117 GPIO5
8
22
MD3
8
54
CF_D6
8
86
SM_ALE
8
118 GPIO6/ROMEN
8
23
VSSIO
55
CF_D7
8
87
SM_CLE
8
119 GPIO7
8
24
MD4
8
56
CF_D8
8
88
SM_nRE
8
120 GPIO8
8
25
MD5
8
57
CF_D9
8
89
SM_nWE
8
121 GPIO9
8
26
MD6
8
58
CF_D10
8
90
SM_nWP
8
122 GPIO10
8
27
MD7
8
59
CF_D11
8
91
VDDCORE
123 GPIO11
8
28
nMRD
8
60
CF_D12
8
92
SM_nCE
8
124 VSSIO
29
nMWR
8
61
CF_D13
8
93
VREG
125 GPIO12
8
30
nMCE
8
62
CF_D14
8
94
SM_nWPS
-
126 GPIO13
8
31
MS_INS
-
63
CF_D15
8
95
SM_nB/R
-
127 GPIO14
8
32
MS_D3
8
64
CF_nCD1
-
96
SM_nCD
-
128 GPIO15
8
Note 1:
RBIAS is connected to the Analog Ground plane VSSA(REF) via a resistor.
Note 2:
When the internal 1.8V regulator is enabled, VDDCORE (91) and VDDP(98), MUST have a 10uf +/- 20%,
(equivalent series resistance (ESR) <0.1ohm) bypass capacitor to VSSA.
Note 3:
VDDA(REF) and VSSA(REF) are same as the VDDA and VSSA respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com