Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2224 Datasheet(PDF) 18 Page - SMSC Corporation

Part # USB2224
Description  BUS POWERED USB2.0 FLASH MEDIA CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2224 Datasheet(HTML) 18 Page - SMSC Corporation

Back Button USB2224 Datasheet HTML 12Page - SMSC Corporation USB2224 Datasheet HTML 13Page - SMSC Corporation USB2224 Datasheet HTML 14Page - SMSC Corporation USB2224 Datasheet HTML 15Page - SMSC Corporation USB2224 Datasheet HTML 16Page - SMSC Corporation USB2224 Datasheet HTML 17Page - SMSC Corporation USB2224 Datasheet HTML 18Page - SMSC Corporation USB2224 Datasheet HTML 19Page - SMSC Corporation USB2224 Datasheet HTML 20Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Bus Powered USB2.0 Flash Media Controller
Datasheet
Revision 1.3 (09-21-04)
Page 18
SMSC USB2224
DATASHEET
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
COMMENTS
ICLK Input Buffer
Low Input Level
High Input Level
VILCK
VIHCK
2.2
0.4
V
V
Input Leakage
(All I and IS buffers)
Low Input Leakage
High Input Leakage
IIL
IIH
-10
-10
+10
+10
uA
uA
VIN = 0
VIN = VDDIO
O8 Type Buffer
Low Output Level
High Output Level
Output Leakage
VOL
VOH
IOL
2.4
-10
0.4
+10
V
V
uA
IOL = 8 mA @
VDDIO= 3.3V
IOH = -4mA @
VDDIO= 3.3V
VIN = 0 to VDDIO
(Note 7.1)
I/O8 Type Buffer
Low Output Level
HIGH OUTPUT LEVEL
Output Leakage
VOL
VOH
IOL
2.4
-10
0.4
+10
V
V
µA
IOL = 8 mA @
VDDIO= 3.3V
IOH = -4 mA @
VDDIO= 3.3V
VIN = 0 to VDDIO
(Note 7.1)
I/O12 Type Buffer
Low Output Level
High Output Level
Output Leakage
VOL
VOH
IOL
2.4
-10
0.4
+10
V
V
µA
IOL = 12 mA @
VDDIO= 3.3V
IOH = -6mA @
VDDIO= 3.3V
VIN = 0 to VDDIO
(Note 7.1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com