Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2224 Datasheet(PDF) 17 Page - SMSC Corporation

Part # USB2224
Description  BUS POWERED USB2.0 FLASH MEDIA CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2224 Datasheet(HTML) 17 Page - SMSC Corporation

Back Button USB2224 Datasheet HTML 12Page - SMSC Corporation USB2224 Datasheet HTML 13Page - SMSC Corporation USB2224 Datasheet HTML 14Page - SMSC Corporation USB2224 Datasheet HTML 15Page - SMSC Corporation USB2224 Datasheet HTML 16Page - SMSC Corporation USB2224 Datasheet HTML 17Page - SMSC Corporation USB2224 Datasheet HTML 18Page - SMSC Corporation USB2224 Datasheet HTML 19Page - SMSC Corporation USB2224 Datasheet HTML 20Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Bus Powered USB2.0 Flash Media Controller
Datasheet
SMSC USB2224
Page 17
Revision 1.3 (09-21-04)
DATASHEET
Chapter 7 DC Parameters
7.1
Maximum Guaranteed Ratings
Operating Temperature Range .................................................................................................. 0
oC to +70oC
Storage Temperature Range .................................................................................................. -55
o to +150oC
Lead Temperature Range (soldering, 10 seconds) .............................................................................+325
oC
Positive Voltage on any pin, with respect to Ground ............................................................................... 5.5V
Negative Voltage on any pin, with respect to Ground ............................................................................ -0.3V
Maximum VDD, VDDP .............................................................................................................................. +2.5V
Maximum VDDIO, VDDA ............................................................................................................................ +4.0V
* Stresses above the specified parameters could cause permanent damage to the device. This is a stress
rating only and functional operation of the device at any other condition above those indicated in the
operation sections of this specification is not implied.
Notes:
When powering this device from laboratory or system power supplies, it is important that the Absolute Maximum
Ratings not be exceeded or device failure can result. Some power supplies exhibit voltage spikes on their
outputs when the AC power is switched on or off. In addition, voltage transients on the AC power line may
appear on the DC output. When this possibility exists, it is suggested that a clamp circuit be used.
The name “VDD” is the same as VDDCORE
7.2
DC Electrical Characteristics
(TA = 0°C - 70°C, VDDIO, VDDA = +3.3 V ± 10%, VDD, VDDP = +1.8 V ± 10%,)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
COMMENTS
I Type Input Buffer
Low Input Level
High Input Level
VILI
VIHI
2.0
0.8
V
V
TTL Levels
IS Type Input Buffer
Low Input Level
High Input Level
Hysteresis
VILI
VIHI
VHYSI
2.0
500
0.8
V
V
mV
TTL Levels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com