Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8563 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCF8563
Description  Automotive tiny Real-Time Clock/calendar with alarm function and I2C-bus
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8563 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCF8563 Datasheet HTML 12Page - NXP Semiconductors PCF8563 Datasheet HTML 13Page - NXP Semiconductors PCF8563 Datasheet HTML 14Page - NXP Semiconductors PCF8563 Datasheet HTML 15Page - NXP Semiconductors PCF8563 Datasheet HTML 16Page - NXP Semiconductors PCF8563 Datasheet HTML 17Page - NXP Semiconductors PCF8563 Datasheet HTML 18Page - NXP Semiconductors PCF8563 Datasheet HTML 19Page - NXP Semiconductors PCF8563 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 59 page
background image
PCA85063A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 4 — 30 March 2018
16 of 59
NXP Semiconductors
PCA85063A
Automotive Real-Time Clock/calendar with alarm function and I2C-bus
8.2.3.1
Correction when MODE = 0
The correction is triggered once every two hours and then correction pulses are applied
once per minute until the programmed correction values have been implemented.
[1]
The correction pulses on pin INT are 164 s wide.
In MODE = 0, any timer or clock output using a frequency below 64 Hz is affected by the
clock correction (see Table 15).
Table 14.
Correction pulses for MODE = 0
Correction value
Update every nth hour Minute
Correction pulses on
INT per minute[1]
+1 or
12
00
1
+2 or
2
2
00 and 01
1
+3 or
3
2
00, 01, and 02
1
::::
+59 or
59
2
00 to 58
1
+60 or
60
2
00 to 59
1
+61 or
61
2
00 to 59
1
2nd and next hour
00
1
+62 or
62
2
00 to 59
1
2nd and next hour
00 and 01
1
+63 or
63
02
00 to 59
1
2nd and next hour
00, 01, and 02
1
64
02
00 to 59
1
2nd and next hour
00, 01, 02, and 03
1
Table 15.
Effect of correction pulses on frequencies for MODE = 0
Frequency (Hz)
Effect of correction
CLKOUT
32768
no effect
16384
no effect
8192
no effect
4096
no effect
2048
no effect
1024
no effect
1affected
Timer source clock
4096
no effect
64
no effect
1affected
160
affected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com