Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8563 Datasheet(PDF) 37 Page - NXP Semiconductors

Part # PCF8563
Description  Automotive tiny Real-Time Clock/calendar with alarm function and I2C-bus
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8563 Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button PCF8563 Datasheet HTML 33Page - NXP Semiconductors PCF8563 Datasheet HTML 34Page - NXP Semiconductors PCF8563 Datasheet HTML 35Page - NXP Semiconductors PCF8563 Datasheet HTML 36Page - NXP Semiconductors PCF8563 Datasheet HTML 37Page - NXP Semiconductors PCF8563 Datasheet HTML 38Page - NXP Semiconductors PCF8563 Datasheet HTML 39Page - NXP Semiconductors PCF8563 Datasheet HTML 40Page - NXP Semiconductors PCF8563 Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 59 page
background image
PCA85063A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 4 — 30 March 2018
37 of 59
NXP Semiconductors
PCA85063A
Automotive Real-Time Clock/calendar with alarm function and I2C-bus
13. Characteristics
Table 41.
Static characteristics
VDD = 0.9 V to 5.5 V; VSS =0V; Tamb = 40 C to +105 C; fosc = 32.768 kHz; quartz Rs =60k; CL = 7 pF; unless otherwise
specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supplies
VDD
supply voltage
interface inactive; fSCL =0Hz
[1] 0.9-
5.5V
interface active; fSCL = 400 kHz
[1] 1.8-
5.5V
IDD
supply current
CLKOUT disabled;
VDD =5V
[2]
interface inactive; fSCL =0Hz
Tamb =25 C
-
250
450
nA
Tamb =85 C
-
550
750
nA
Tamb =105 C
-
900
1800
nA
interface active;
fSCL = 400 kHz
-35
50
A
Inputs[3]
VI
input voltage
VSS
-5.5
V
VIL
LOW-level input
voltage
VSS
-0.3VDD
V
VIH
HIGH-level input
voltage
0.7VDD
-
VDD
V
ILI
input leakage current
VI = VSS or VDD
-0
-
A
post ESD event
0.15
-
+0.15
A
Ci
input capacitance
[4] --
7
pF
Outputs
VOH
HIGH-level output
voltage
on pin CLKOUT
0.8VDD
-VDD
V
VOL
LOW-level output
voltage
on pins SDA, INT, CLKOUT
VSS
-0.2VDD
V
IOH
HIGH-level output
current
output source current;
VOH = 4.6 V;
VDD = 5 V;
on pin CLKOUT
13
-
mA
IOL
LOW-level output
current
output sink current; VOL =0.4 V;
VDD =5V
on pin SDA
3
8.5
-
mA
on pin INT
26
-
mA
on pin CLKOUT
1
3
-
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com