Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8563 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # PCF8563
Description  Automotive tiny Real-Time Clock/calendar with alarm function and I2C-bus
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8563 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button PCF8563 Datasheet HTML 15Page - NXP Semiconductors PCF8563 Datasheet HTML 16Page - NXP Semiconductors PCF8563 Datasheet HTML 17Page - NXP Semiconductors PCF8563 Datasheet HTML 18Page - NXP Semiconductors PCF8563 Datasheet HTML 19Page - NXP Semiconductors PCF8563 Datasheet HTML 20Page - NXP Semiconductors PCF8563 Datasheet HTML 21Page - NXP Semiconductors PCF8563 Datasheet HTML 22Page - NXP Semiconductors PCF8563 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 59 page
background image
PCA85063A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 4 — 30 March 2018
19 of 59
NXP Semiconductors
PCA85063A
Automotive Real-Time Clock/calendar with alarm function and I2C-bus
8.2.4 Register RAM_byte
The PCA85063A provides a free RAM byte, which can be used for any purpose, for
example, status byte of the system.
[1]
Default value.
8.3 Time and date registers
Most of the registers are coded in the BCD format to simplify application use.
8.3.1 Register Seconds
[1]
Default value.
With the offset calibration an accuracy of
2 ppm (0.5  offset per LSB) can be reached (see
Table 13).
1 ppm corresponds to a time deviation of 0.0864 seconds per day.
(1) 3 correction pulses in MODE = 0 correspond to
13.02 ppm.
(2) 4 correction pulses in MODE = 1 correspond to
16.276 ppm.
(3) Reachable accuracy zone.
Fig 10. Result of offset calibration
Table 18.
RAM_byte - 8-bit RAM register (address 03h) bit description
Bit
Symbol
Value
Description
7 to 0
B[7:0]
00000000[1] to
11111111
RAM content
Table 19.
Seconds - seconds register (address 04h) bit description
Bit
Symbol
Value
Place value Description
7OS
oscillator stop
0
-
clock integrity is guaranteed
1[1]
-
clock integrity is not
guaranteed; oscillator has
stopped or has been
interrupted
6to4
SECONDS
0[1] to 5
ten’s place
actual seconds coded in BCD
format, see Table 20
3 to 0
0[1] to 9
unit place



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com