Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8563 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCF8563
Description  Automotive tiny Real-Time Clock/calendar with alarm function and I2C-bus
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8563 Datasheet(HTML) 1 Page - NXP Semiconductors

  PCF8563 Datasheet HTML 1Page - NXP Semiconductors PCF8563 Datasheet HTML 2Page - NXP Semiconductors PCF8563 Datasheet HTML 3Page - NXP Semiconductors PCF8563 Datasheet HTML 4Page - NXP Semiconductors PCF8563 Datasheet HTML 5Page - NXP Semiconductors PCF8563 Datasheet HTML 6Page - NXP Semiconductors PCF8563 Datasheet HTML 7Page - NXP Semiconductors PCF8563 Datasheet HTML 8Page - NXP Semiconductors PCF8563 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 59 page
background image
1.
General description
The PCA85063A is a CMOS1 Real-Time Clock (RTC) and calendar optimized for low
power consumption. An offset register allows fine-tuning of the clock. All addresses and
data are transferred serially via the two-line bidirectional I2C-bus. Maximum data rate is
400 kbit/s. The register address is incremented automatically after each written or read
data byte.
For a selection of NXP Real-Time Clocks, see Table 45 on page 50
2.
Features and benefits
3.
Applications
PCA85063A
Automotive tiny Real-Time Clock/calendar with alarm function
and I2C-bus
Rev. 4 — 30 March 2018
Product data sheet
1.
The definition of the abbreviations and acronyms used in this data sheet can be found in Section 22.
AEC-Q100 grade 2 compliant for
automotive applications
High temperature operation range:
40 C to +105 C
Provides year, month, day, weekday,
hours, minutes, and seconds based on a
32.768 kHz quartz crystal
Clock operating voltage: 0.9 V to 5.5 V
Low current; typical 0.25
Aat
VDD = 3.0 V and Tamb =25 C
400 kHz two-line I2C-bus interface
(at VDD =1.8Vto5.5V)
Programmable clock output for
peripheral devices (32.768 kHz,
16.384 kHz, 8.192 kHz, 4.096 kHz,
2.048 kHz, 1.024 kHz, and 1 Hz)
Selectable integrated oscillator load
capacitors for CL =7pF or CL =12.5pF
Alarm function
Countdown timer
Minute and half minute interrupt
Oscillator stop detection function
Internal Power-On Reset (POR)
Programmable offset register for
frequency adjustment
Tracking time of the day
Accurate timing
Dashboard
Infotainment unit
Air condition
Center stack
Telematics
Body control and battery management


Similar Part No. - PCF8563

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8563 PHILIPS-PCF8563 Datasheet
692Kb / 30P
Real-time clock/calendar
16 April 1999
PCF8563 NXP-PCF8563 Datasheet
175Kb / 32P
Real-time clock/calendar
Rev. 06-21 February 2008
PCF8563 NXP-PCF8563 Datasheet
466Kb / 45P
Real-time clock/calendar
Rev. 9-16 June 2011
logo
Tiger Electronic Co.,Lt...
PCF8563 TGS-PCF8563 Datasheet
2Mb / 23P
Real-time Clock/Calendar
logo
NXP Semiconductors
PCF8563 NXP-PCF8563 Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
More results

Similar Description - PCF8563

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL12026 INTERSIL-ISL12026_08 Datasheet
389Kb / 24P
Real Time Clock/Calendar with I2C Bus??and EEPROM
ISL12025 INTERSIL-ISL12025 Datasheet
423Kb / 27P
Real-Time Clock/Calendar with I2C Bus and EEPROM
August 13, 2008
ISL12029_1012 INTERSIL-ISL12029_1012 Datasheet
580Kb / 29P
Real Time Clock/Calendar with I2C Bus??and EEPROM
December 16, 2010
ISL12026 INTERSIL-ISL12026_10 Datasheet
560Kb / 24P
Real Time Clock/Calendar with I2C Bus??and EEPROM
November 30, 2010
ISL12028_1011 INTERSIL-ISL12028_1011 Datasheet
586Kb / 29P
Real Time Clock/Calendar with I2C Bus??and EEPROM
November 30, 2010
logo
NXP Semiconductors
PCF85063ATL NXP-PCF85063ATL Datasheet
544Kb / 54P
Tiny Real-Time Clock/calendar with alarm function and I2C-bus
Rev. 2-15 April 2013
PCF85063BTL NXP-PCF85063BTL Datasheet
533Kb / 53P
Tiny Real-Time Clock/calendar with alarm function and SPI-bus
Rev. 2-15 April 2013
PCF85063A NXP-PCF85063A Datasheet
715Kb / 65P
Tiny Real-Time Clock/calendar with alarm function and I2C-bus
Rev. 7-30 March 2018
PCF85363A NXP-PCF85363A Datasheet
966Kb / 86P
Tiny Real-Time Clock/calendar with 64 byte RAM, alarm function, battery switch-over time stamp input, and I2C-bus
Rev. 3.1 ??18 June 2021
PCF85063A NXP-PCF85063A_V01 Datasheet
698Kb / 55P
Tiny Real-Time Clock/calendar with alarm function and I2C-bus
Rev. 7.1 - 8 November 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com