Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8563 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # PCF8563
Description  Automotive tiny Real-Time Clock/calendar with alarm function and I2C-bus
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8563 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button PCF8563 Datasheet HTML 24Page - NXP Semiconductors PCF8563 Datasheet HTML 25Page - NXP Semiconductors PCF8563 Datasheet HTML 26Page - NXP Semiconductors PCF8563 Datasheet HTML 27Page - NXP Semiconductors PCF8563 Datasheet HTML 28Page - NXP Semiconductors PCF8563 Datasheet HTML 29Page - NXP Semiconductors PCF8563 Datasheet HTML 30Page - NXP Semiconductors PCF8563 Datasheet HTML 31Page - NXP Semiconductors PCF8563 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 59 page
background image
PCA85063A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 4 — 30 March 2018
28 of 59
NXP Semiconductors
PCA85063A
Automotive Real-Time Clock/calendar with alarm function and I2C-bus
8.6.2 Register Timer_mode
[1]
Default value.
[2]
How the setting of TI_TP and the timer flag TF can affect the INT pulse generation is explained in
Section 8.2.2.3 on page 13.
8.6.3 Timer functions
The timer has four selectable source clocks allowing for countdown periods in the range
from 244
s to 4 hours 15 min. For periods longer than 4 hours, the alarm function can be
used.
[1]
When not in use, TCF[1:0] must be set to 160 Hz for power saving.
[2]
Time periods can be affected by correction pulses.
Remark: Note that all timings which are generated from the 32.768 kHz oscillator are
based on the assumption that there is 0 ppm deviation. Deviation in oscillator frequency
results in deviation in timings. This is not applicable to interface timing.
The timer counts down from a software-loaded 8-bit binary value, T[7:0], in register
Timer_value. Loading the counter with 0 stops the timer. Values from 1 to 255 are valid.
Table 35.
Timer_mode - timer control register (address 11h) bit description
Bit
Symbol
Value
Description
7 to 5
-
000
unused
4 to 3
TCF[1:0]
timer clock frequency
00
4.096 kHz timer source clock
01
64 Hz timer source clock
10
1 Hz timer source clock
11[1]
160 Hz timer source clock
2TE
timer enable
0[1]
timer is disabled
1
timer is enabled
1TIE
timer interrupt enable
0[1]
no interrupt generated from timer
1
interrupt generated from timer
0TI_TP[2]
timer interrupt mode
0[1]
interrupt follows timer flag
1
interrupt generates a pulse
Table 36.
Timer clock frequency and timer durations
TCF[1:0]
Timer source clock
frequency[1]
Delay
Minimum timer duration
T= 1
Maximum timer duration
T=255
00
4.096 kHz
244
s
62.256 ms
01
64 Hz
15.625 ms
3.984 s
10
1 Hz[2]
1 s
255 s
11
160 Hz[2]
60 s
4 hours 15 min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com