Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8563 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCF8563
Description  Automotive tiny Real-Time Clock/calendar with alarm function and I2C-bus
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8563 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCF8563 Datasheet HTML 9Page - NXP Semiconductors PCF8563 Datasheet HTML 10Page - NXP Semiconductors PCF8563 Datasheet HTML 11Page - NXP Semiconductors PCF8563 Datasheet HTML 12Page - NXP Semiconductors PCF8563 Datasheet HTML 13Page - NXP Semiconductors PCF8563 Datasheet HTML 14Page - NXP Semiconductors PCF8563 Datasheet HTML 15Page - NXP Semiconductors PCF8563 Datasheet HTML 16Page - NXP Semiconductors PCF8563 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 59 page
background image
PCA85063A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 4 — 30 March 2018
13 of 59
NXP Semiconductors
PCA85063A
Automotive Real-Time Clock/calendar with alarm function and I2C-bus
8.2.2.2
MI and HMI: minute and half minute interrupt
The minute interrupt (bit MI) and half minute interrupt (bit HMI) are pre-defined timers for
generating interrupt pulses on pin INT; see Figure 8. The timers are running in sync with
the seconds counter (see Table 19 on page 19).
The minute and half minute interrupts must only be used when the frequency offset is set
to normal mode (MODE = 0), see Section 8.2.3. In normal mode, the interrupt pulses on
pin INT are 164 s wide.
When starting MI, the first interrupt will be generated after 1 second to 59 seconds. When
starting HMI, the first interrupt will be generated after 1 second to 29 seconds.
Subsequent periods do not have such a delay. The timers can be enabled independently
from one another. However, a minute interrupt enabled on top of a half minute interrupt is
not distinguishable.
The duration of the timer is affected by the register Offset (see Section 8.2.3). Only when
OFFSET[6:0] has the value 00h the periods are consistent.
8.2.2.3
TF: timer flag
The timer flag (bit TF) is set logic 1 on the first trigger of MI, HMI, or the countdown timer.
The purpose of the flag is to allow the controlling system to interrogate what caused the
interrupt: timer or alarm. The flag can be read and cleared by command.
The status of the timer flag TF can affect the INT pulse generation depending on the
setting of TI_TP (see Section 8.6.2 “Register Timer_mode” on page 28):
When TI_TP is set logic 1
– an INT pulse is generated independent of the status of the timer flag TF
– TF stays set until it is cleared
– TF does not affect INT
In this example, the TF flag is not cleared after an interrupt.
Fig 8.
INT example for MI
Table 10.
Effect of bits MI and HMI on INT generation
Minute interrupt (bit MI)
Half minute interrupt (bit HMI)
Result
0
0
no interrupt generated
1
0
an interrupt every minute
0
1
an interrupt every 30 s
1
1
an interrupt every 30 s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com