Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8563 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCF8563
Description  Automotive tiny Real-Time Clock/calendar with alarm function and I2C-bus
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8563 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCF8563 Datasheet HTML 5Page - NXP Semiconductors PCF8563 Datasheet HTML 6Page - NXP Semiconductors PCF8563 Datasheet HTML 7Page - NXP Semiconductors PCF8563 Datasheet HTML 8Page - NXP Semiconductors PCF8563 Datasheet HTML 9Page - NXP Semiconductors PCF8563 Datasheet HTML 10Page - NXP Semiconductors PCF8563 Datasheet HTML 11Page - NXP Semiconductors PCF8563 Datasheet HTML 12Page - NXP Semiconductors PCF8563 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 59 page
background image
PCA85063A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 4 — 30 March 2018
9 of 59
NXP Semiconductors
PCA85063A
Automotive Real-Time Clock/calendar with alarm function and I2C-bus
[1]
F0 is clocked at 32.768 kHz.
The lower two stages of the prescaler (F0 and F1) are not reset. And because the I2C-bus
is asynchronous to the crystal oscillator, the accuracy of restarting the time circuits is
between zero and one 8.192 kHz cycle (see Figure 5).
The first increment of the time circuits is between 0.507813 s and 0.507935 s after STOP
bit is released. The uncertainty is caused by the prescaler bits F0 and F1 not being reset
(see Table 7) and the unknown state of the 32 kHz clock.
Table 7.
First increment of time circuits after STOP bit release
Bit
Prescaler bits
[1]
1Hz tick
Time
Comment
STOP
F0F1-F2 to F14
hh:mm:ss
Clock is running normally
0
01-0 0001 1101 0100
12:45:12
prescaler counting normally
STOP bit is activated by user. F0F1 are not reset and values cannot be predicted externally
1
XX-0 0000 0000 0000
12:45:12
prescaler is reset; time circuits are frozen
New time is set by user
1
XX-0 0000 0000 0000
08:00:00
prescaler is reset; time circuits are frozen
STOP bit is released by user
0
XX-0 0000 0000 0000
08:00:00
prescaler is now running
XX-1 0000 0000 0000
08:00:00
-
XX-0 1000 0000 0000
08:00:00
-
XX-1 1000 0000 0000
08:00:00
-
:
::
11-1 1111 1111 1110
08:00:00
-
00-0 0000 0000 0001
08:00:01
0 to 1 transition of F14 increments the time circuits
10-0 0000 0000 0001
08:00:01
-
:
::
11-1 1111 1111 1111
08:00:01
-
00-0 0000 0000 0000
08:00:01
-
10-0 0000 0000 0000
08:00:01
-
:
::
11-1 1111 1111 1110
08:00:01
-
00-0 0000 0000 0001
08:00:02
0 to 1 transition of F14 increments the time circuits
Fig 5.
STOP bit release timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com