Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MWCT2004AFVLHPR Datasheet(PDF) 22 Page - NXP Semiconductors

Part # MWCT2004AFVLHPR
Description  Memory and memory interfaces
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MWCT2004AFVLHPR Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button MWCT2004AFVLHPR Datasheet HTML 18Page - NXP Semiconductors MWCT2004AFVLHPR Datasheet HTML 19Page - NXP Semiconductors MWCT2004AFVLHPR Datasheet HTML 20Page - NXP Semiconductors MWCT2004AFVLHPR Datasheet HTML 21Page - NXP Semiconductors MWCT2004AFVLHPR Datasheet HTML 22Page - NXP Semiconductors MWCT2004AFVLHPR Datasheet HTML 23Page - NXP Semiconductors MWCT2004AFVLHPR Datasheet HTML 24Page - NXP Semiconductors MWCT2004AFVLHPR Datasheet HTML 25Page - NXP Semiconductors MWCT2004AFVLHPR Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 65 page
background image
5.7 Standard input pin capacitance
Table 13. Standard input pin capacitance
Symbol
Description
Min.
Max.
Unit
CIN_D
Input capacitance: digital pins
—
7
pF
NOTE
Please refer to External System Oscillator electrical
specifications for EXTAL/XTAL pins.
5.8 Device clock specifications
Table 14. Device clock specifications 1
Symbol
Description
Min.
Max.
Unit
High Speed run mode2
fSYS
System and core clock
—
112
MHz
fBUS
Bus clock
—
56
MHz
fFLASH
Flash clock
—
28
MHz
Normal run mode (MWCT101xS series) 3
fSYS
System and core clock
—
80
MHz
fBUS
Bus clock
—
404
MHz
fFLASH
Flash clock
—
26.67
MHz
VLPR mode5
fSYS
System and core clock
—
4
MHz
fBUS
Bus clock
—
4
MHz
fFLASH
Flash clock
—
1
MHz
fERCLK
External reference clock
—
16
MHz
1. Refer to the section Feature comparison for the availability of modes and other specifications.
2. Only available on some devices. See section Feature comparison.
3. With SPLL as system clock source.
4. 48 MHz when fSYS is 48 MHz
5. The frequency limitations in VLPR mode here override any frequency specification listed in the timing specification for any
other module.
I/O parameters
MWCT101XS Data Sheet, Rev. 3, 12/2019
22
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com