Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MWCT2004AFVLHPR Datasheet(PDF) 11 Page - NXP Semiconductors

Part # MWCT2004AFVLHPR
Description  Memory and memory interfaces
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MWCT2004AFVLHPR Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button MWCT2004AFVLHPR Datasheet HTML 7Page - NXP Semiconductors MWCT2004AFVLHPR Datasheet HTML 8Page - NXP Semiconductors MWCT2004AFVLHPR Datasheet HTML 9Page - NXP Semiconductors MWCT2004AFVLHPR Datasheet HTML 10Page - NXP Semiconductors MWCT2004AFVLHPR Datasheet HTML 11Page - NXP Semiconductors MWCT2004AFVLHPR Datasheet HTML 12Page - NXP Semiconductors MWCT2004AFVLHPR Datasheet HTML 13Page - NXP Semiconductors MWCT2004AFVLHPR Datasheet HTML 14Page - NXP Semiconductors MWCT2004AFVLHPR Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 65 page
background image
5. VREFH should always be equal to or less than VDDA + 0.1 V and VDD + 0.1 V
6. Open drain outputs must be pulled to VDD.
7. When input pad voltage levels are close to VDD or VSS, practically no current injection is possible.
4.3 Thermal operating characteristics
Table 3. Thermal operating characteristics for 64-pin LQFP and 100-pin LQFP and MAPBGA
packages
Symbol
Parameter
Value
Unit
Min.
Typ.
Max.
TA C-Grade Part
Ambient temperature under bias
−40
—
851
℃
TJ C-Grade Part
Junction temperature under bias
−40
—
1051
℃
TA V-Grade Part
Ambient temperature under bias
−40
—
1051
℃
TJ V-Grade Part
Junction temperature under bias
−40
—
1251
℃
TA M-Grade Part
Ambient temperature under bias
−40
—
1252
℃
TJ M-Grade Part
Junction temperature under bias
−40
—
1352
℃
1. Values mentioned are measured at ≤ 112 MHz in HSRUN mode.
2. Values mentioned are measured at ≤ 80 MHz in RUN mode.
4.4 Power and ground pins
VDD
VDDA
VREFH
VREFL
VSSA/VSS
VDD
VSS
100 LQFP
Package
CDEC
CDEC
144 LQFP
Package
CDEC
CDEC
VDD
VSS
CDEC
VDD
VDDA
VREFH
VREFL
VSS
VDD
VSS
VSSA/VSS
VDD
VSS
VDDA
VREFH
VREFL/VSSA/VSS
64 LQFP
Package
VDD
NOTE: VDD and VDDA must be shorted to a common source on PCB
Figure 4. Pinout decoupling
Table 4. Supplies decoupling capacitors 1, 2
Symbol
Description
Min. 3
Typ.
Max.
Unit
CREF, 4, 5
ADC reference high decoupling capacitance
70
100
—
nF
Table continues on the next page...
General
MWCT101XS Data Sheet, Rev. 3, 12/2019
NXP Semiconductors
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com