Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MWCT2004AFVLHPR Datasheet(PDF) 61 Page - NXP Semiconductors

Part # MWCT2004AFVLHPR
Description  Memory and memory interfaces
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MWCT2004AFVLHPR Datasheet(HTML) 61 Page - NXP Semiconductors

Back Button MWCT2004AFVLHPR Datasheet HTML 57Page - NXP Semiconductors MWCT2004AFVLHPR Datasheet HTML 58Page - NXP Semiconductors MWCT2004AFVLHPR Datasheet HTML 59Page - NXP Semiconductors MWCT2004AFVLHPR Datasheet HTML 60Page - NXP Semiconductors MWCT2004AFVLHPR Datasheet HTML 61Page - NXP Semiconductors MWCT2004AFVLHPR Datasheet HTML 62Page - NXP Semiconductors MWCT2004AFVLHPR Datasheet HTML 63Page - NXP Semiconductors MWCT2004AFVLHPR Datasheet HTML 64Page - NXP Semiconductors MWCT2004AFVLHPR Datasheet HTML 65Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 61 / 65 page
background image
Pinouts
9.1 Package pinouts and signal descriptions
For package pinouts and signal descriptions, refer to the Reference Manual.
10 Revision History
The following table provides a revision history for this document.
Table 35. Revision History
Rev. No.
Date
Substantial Changes
Rev. 0
May 2017
• Initial release.
Rev. 1
Dec 2017
• In "Feature comparison" section, updated the "MWCT101xS product
series comparison" figure.
• In Table 1,
• Updated note 'All the limits defined ... '
• Updated parameter 'IINJPAD_DC_ABS', 'VIN_DC', IINJSUM_DC_ABS.
• In Table 2,
• Updated min. value of VDD_OFF
• Added parameter IINJPAD_DC_OP and IINJSUM_DC_OP.
• Updated footnote to TSPLL_LOCK and removed IDDSPLL in "SPLL
electrical specifications" table.
• In "12-bit ADC electrical characteristics" section,
• Updated table: 12-bit ADC characteristics (2.7 V to 3 V)
(VREFH = VDDA, VREFL = VSS)
• Added typ. value to IDDA_ADC, TUE, DNL, and INL
• Added min. value to SMPLTS
• Removed footnote 'All the parameters in this table ... '
• Updated table: 12-bit ADC characteristics (3 V to 5.5 V)
(VREFH = VDDA, VREFL = VSS)
• Added typ. value to IDDA_ADC
• Removed footnote 'All the parameters in this table ... '
• In "Flash command timing specifications" table, updated Max. value
of tvfykey to 35 μs
• Updated "MWCT101xS product series comparison" figure.
• In Table 5, updated TBDs for VLVR_HYST, VLVD_HYST, and VLVW_HYST
• In Power mode transition operating behaviors,
• Added VLPR → VLPS
• Added VLPS → VLPR
• Updated TBDs for VLPS → Asynchronous DMA Wakeup,
STOP1 → Asynchronous DMA Wakeup, and STOP2 →
Asynchronous DMA Wakeup
• In Table 7, updated the specifications for MWCT1014S.
• Updated the attachment MWCT101xS_Power_Modes
_Configuration.xlsx.
• In "Standard input pin capacitance" table, removed CIN_A.
• In "External System Oscillator electrical specifications" table,
Table continues on the next page...
9
Pinouts
MWCT101XS Data Sheet, Rev. 3, 12/2019
NXP Semiconductors
61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com