Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MWCT2004AFVLHPR Datasheet(PDF) 35 Page - NXP Semiconductors

Part # MWCT2004AFVLHPR
Description  Memory and memory interfaces
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MWCT2004AFVLHPR Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button MWCT2004AFVLHPR Datasheet HTML 31Page - NXP Semiconductors MWCT2004AFVLHPR Datasheet HTML 32Page - NXP Semiconductors MWCT2004AFVLHPR Datasheet HTML 33Page - NXP Semiconductors MWCT2004AFVLHPR Datasheet HTML 34Page - NXP Semiconductors MWCT2004AFVLHPR Datasheet HTML 35Page - NXP Semiconductors MWCT2004AFVLHPR Datasheet HTML 36Page - NXP Semiconductors MWCT2004AFVLHPR Datasheet HTML 37Page - NXP Semiconductors MWCT2004AFVLHPR Datasheet HTML 38Page - NXP Semiconductors MWCT2004AFVLHPR Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 65 page
background image
CK
tOV
Output Invalid Data
tIV
Figure 11. QuadSPI output timing (HyperRAM mode) diagram
Analog modules
ADC electrical specifications
6.4.1.1 12-bit ADC operating conditions
Table 24. 12-bit ADC operating conditions
Symbol Description
Conditions
Min.
Typ.1
Max.
Unit
Notes
VREFH
ADC reference voltage high
See Voltage
and current
operating
requirements
for values
VDDA
See Voltage
and current
operating
requirements
for values
V
2
VREFL
ADC reference voltage low
See Voltage
and current
operating
requirements
for values
0
See Voltage
and current
operating
requirements
for values
mV
2
VADIN
Input voltage
VREFL
—
VREFH
V
RS
Source impedendance
fADCK < 4 MHz
—
—
5
kΩ
RSW1
Channel Selection Switch
Impedance
—
0.75
1.2
kΩ
RAD
Sampling Switch Impedance
—
2
5
kΩ
CP1
Pin Capacitance
—
10
—
pF
CP2
Analog Bus Capacitance
—
—
4
pF
CS
Sampling capacitance
—
4
5
pF
Table continues on the next page...
6.4
6.4.1
Analog modules
MWCT101XS Data Sheet, Rev. 3, 12/2019
NXP Semiconductors
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com