Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MWCT2004AFVLHPR Datasheet(PDF) 60 Page - NXP Semiconductors

Part # MWCT2004AFVLHPR
Description  Memory and memory interfaces
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MWCT2004AFVLHPR Datasheet(HTML) 60 Page - NXP Semiconductors

Back Button MWCT2004AFVLHPR Datasheet HTML 56Page - NXP Semiconductors MWCT2004AFVLHPR Datasheet HTML 57Page - NXP Semiconductors MWCT2004AFVLHPR Datasheet HTML 58Page - NXP Semiconductors MWCT2004AFVLHPR Datasheet HTML 59Page - NXP Semiconductors MWCT2004AFVLHPR Datasheet HTML 60Page - NXP Semiconductors MWCT2004AFVLHPR Datasheet HTML 61Page - NXP Semiconductors MWCT2004AFVLHPR Datasheet HTML 62Page - NXP Semiconductors MWCT2004AFVLHPR Datasheet HTML 63Page - NXP Semiconductors MWCT2004AFVLHPR Datasheet HTML 64Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 65 page
background image
To determine the junction temperature of the device in the application when heat sinks
are not used, the Thermal Characterization Parameter (
ΨJT) can be used to determine the
junction temperature with a measurement of the temperature at the top center of the
package case using this equation:
where:
• TT = thermocouple temperature on top of the package (°C)
•
ΨJT = thermal characterization parameter (°C/W)
• PD = power dissipation in the package (W)
The thermal characterization parameter is measured per JESD51-2 specification using a
40 gauge type T thermocouple epoxied to the top center of the package case. The
thermocouple should be positioned so that the thermocouple junction rests on the
package. A small amount of epoxy is placed over the thermocouple junction and over
about 1 mm of wire extending from the junction. The thermocouple wire is placed flat
against the package case to avoid measurement errors caused by cooling effects of the
thermocouple wire.
Dimensions
8.1 Obtaining package dimensions
Package dimensions are provided in the package drawings.
To find a package drawing, go to http://www.nxp.com and perform a keyword search for
the drawing’s document number:
Package option
Document Number
64-pin LQFP
98ASS23234W
100-pin LQFP
98ASS23308W
100-pin MAPBGA
98ASA00802D
8
Dimensions
MWCT101XS Data Sheet, Rev. 3, 12/2019
60
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com