Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MWCT2004AFVLHPR Datasheet(PDF) 29 Page - NXP Semiconductors

Part # MWCT2004AFVLHPR
Description  Memory and memory interfaces
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MWCT2004AFVLHPR Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button MWCT2004AFVLHPR Datasheet HTML 25Page - NXP Semiconductors MWCT2004AFVLHPR Datasheet HTML 26Page - NXP Semiconductors MWCT2004AFVLHPR Datasheet HTML 27Page - NXP Semiconductors MWCT2004AFVLHPR Datasheet HTML 28Page - NXP Semiconductors MWCT2004AFVLHPR Datasheet HTML 29Page - NXP Semiconductors MWCT2004AFVLHPR Datasheet HTML 30Page - NXP Semiconductors MWCT2004AFVLHPR Datasheet HTML 31Page - NXP Semiconductors MWCT2004AFVLHPR Datasheet HTML 32Page - NXP Semiconductors MWCT2004AFVLHPR Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 65 page
background image
Table 21. Flash command timing specifications (continued)
Symbol
Description1
MWCT1014S
MWCT1015S
MWCT1016S
Typ
Max
Typ
Max
Typ
Max
Unit
Notes
tsetram
Set FlexRAM
Function execution
time
Control Code
0xFF
0.08
—
0.08
—
0.08
—
ms
3
32 KB
EEPROM
backup
0.8
1.2
0.8
1.2
—
—
48 KB
EEPROM
backup
1
1.5
1
1.5
—
—
64 KB
EEPROM
backup
1.3
1.9
1.3
1.9
1.3
1.9
teewr8b
Byte write to
FlexRAM execution
time
32 KB
EEPROM
backup
385
1700
385
1700
—
—
µs
3,4
48 KB
EEPROM
backup
430
1850
430
1850
—
—
64 KB
EEPROM
backup
475
2000
475
2000
475
4000
teewr16b
16-bit write to
FlexRAM execution
time
32 KB
EEPROM
backup
385
1700
385
1700
—
—
µs
3,4
48 KB
EEPROM
backup
430
1850
430
1850
—
—
64 KB
EEPROM
backup
475
2000
475
2000
475
4000
teewr32bers
32-bit write to
erased FlexRAM
location execution
time
—
360
2000
360
2000
360
2000
µs
teewr32b
32-bit write to
FlexRAM execution
time
32 KB
EEPROM
backup
630
2000
630
2000
—
—
µs
3,4
48 KB
EEPROM
backup
720
2125
720
2125
—
—
64 KB
EEPROM
backup
810
2250
810
2250
810
4500
tquickwr
32-bit Quick Write
execution time:
Time from CCIF
clearing (start the
write) until CCIF
setting (32-bit write
1st 32-bit write 200
550
200
550
200
1100
µs
4,5,6
2nd through
Next to Last
(Nth-1) 32-bit
write
150
550
150
550
150
550
Table continues on the next page...
Memory and memory interfaces
MWCT101XS Data Sheet, Rev. 3, 12/2019
NXP Semiconductors
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com