Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MWCT2004AFVLHPR Datasheet(PDF) 43 Page - NXP Semiconductors

Part # MWCT2004AFVLHPR
Description  Memory and memory interfaces
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MWCT2004AFVLHPR Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button MWCT2004AFVLHPR Datasheet HTML 39Page - NXP Semiconductors MWCT2004AFVLHPR Datasheet HTML 40Page - NXP Semiconductors MWCT2004AFVLHPR Datasheet HTML 41Page - NXP Semiconductors MWCT2004AFVLHPR Datasheet HTML 42Page - NXP Semiconductors MWCT2004AFVLHPR Datasheet HTML 43Page - NXP Semiconductors MWCT2004AFVLHPR Datasheet HTML 44Page - NXP Semiconductors MWCT2004AFVLHPR Datasheet HTML 45Page - NXP Semiconductors MWCT2004AFVLHPR Datasheet HTML 46Page - NXP Semiconductors MWCT2004AFVLHPR Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 65 page
background image
Communication modules
6.5.1 LPUART electrical specifications
Refer to General AC specifications for LPUART specifications.
6.5.1.1 Supported baud rate
Baud rate = Baud clock / ((OSR+1) * SBR).
For details, see section: 'Baud rate generation' of the Reference Manual.
6.5.2 LPSPI electrical specifications
The Low Power Serial Peripheral Interface (LPSPI) provides a synchronous serial bus
with master and slave operations. Many of the transfer attributes are programmable. The
following tables provide timing characteristics for classic LPSPI timing modes.
• All timing is shown with respect to 20% VDD and 80% VDD thresholds.
• All measurements are with maximum output load of 50 pF, input transition of 1 ns
and pad configured with fastest slew setting ( DSE = 1 ).
6.5
Communication modules
MWCT101XS Data Sheet, Rev. 3, 12/2019
NXP Semiconductors
43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com