Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7969 Datasheet(PDF) 4 Page - Vitesse Semiconductor Corporation

Part # VSC7969
Description  3.125Gb/s Integrated Transimpedance and Limiting Amplifier with Signal Detect
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7969 Datasheet(HTML) 4 Page - Vitesse Semiconductor Corporation

  VSC7969 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7969 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7969 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7969 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7969 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7969 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7969 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7969 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7969 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC7969
3.125Gb/s Integrated Transimpedance
and Limiting Amplifier with Signal Detect
Page 4
G52355-0, Rev 2.0
02/09/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Bare Die Descriptions
Figure 1: Pad Assignments
VSC7969
Die Size: 1143µm x 1453µm (45.0mil x 57.2mil)
Die Thickness: 279µm (11.0mil)
Pad Size: 100µm x 100µm (3.9mil x 3.9mil)
Pad Passivation Opening: 86µm x 86µm (3.4mil x 3.4mil)
Scribe Size: 143µm (5.6mil)
Pad 7
SD_OUT
Pad 8
GND
Pad 9
VOUTN
Pad 10
GND
Pad 11
VOUTP
Pad 12
GND
Pad 13
IMON
Pad 14
VOUTP
Pad 15
GND
Pad 16
CSDN
Pad 17
CSDP
1143µm
(45.0mil)
1467µm (57.2mil)
143µm
(5.6mil)
Pad 18
GND
Pad 19
GND
Pad 5
SD_ADJ
Pad 4
SD_TP
Pad 3
GND
Pad 2
BG_VREF
Pad 1
GND
Pad 6
VOUTN
Pad 25
VCCS
Pad 24
GND
Pad 23
IN
Pad 22
FILTER
Pad 21
GND
Pad 20
GND
Pad 26
VCCD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com