Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7969 Datasheet(PDF) 3 Page - Vitesse Semiconductor Corporation

Part # VSC7969
Description  3.125Gb/s Integrated Transimpedance and Limiting Amplifier with Signal Detect
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7969 Datasheet(HTML) 3 Page - Vitesse Semiconductor Corporation

  VSC7969 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7969 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7969 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7969 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7969 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7969 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7969 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7969 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7969 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC7969
3.125Gb/s Integrated Transimpedance
and Limiting Amplifier with Signal Detect
G52355-0, Rev 2.0
Page 3
02/09/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
NOTES: (1) The transimpedance gain is defined as ZT = (∆VOUT - DIFF)/∆IPH. (2) Using 1111100000 pattern at 2.5Gb/s to measure the
standard deviation of the edge of the pattern, multiply the standard deviation by 14 to achieve the total random jitter. (3) +K28.5
- K28.5 (00111110101100000101).
Table 2: DC Specifications
Absolute Maximum Ratings(1) (at T
A = +25°C, unless otherwise specified)
Power Supply Voltage (VCCS)......................................................................................................................... 3.6V
Power Supply Voltage (VCCD) ........................................................................................................................ 5.5V
Junction Temperature Range ........................................................................................................ -40°C to +125°C
Storage Temperature Range ......................................................................................................... -40°C to +125°C
Relative Ambient Humidity ................................................................................................................. 85%/+85°C
NOTE: (1) CAUTION: Stresses listed under “Absolute Maximum Ratings” may be applied to devices one at a time without caus-
ing permanent damage. Functionality at or above the values listed is not implied. Exposure to these values for extended
periods may affect device reliability.
Recommended Operating Conditions
Positive Voltage Supply (VCCS) ...................................................................................................................... 3.3V
Positive Voltage Supply (VCCD)...................................................................................................................... 5.0V
Negative Voltage Rail (GND) ............................................................................................................................ 0V
Ambient Temperature Range (TA)
(1) .............................................................................................. -40°C to +85°C
MON
Slope of Linear Analog Photocurrent
Monitor vs Input Optical Power
0.8
µA/µW
0
Ω to 2kΩ to V
CC with a detector
responsitivity of 0.8A/W
DC
Duty Cycle
-5
+5
%
IMONRANGE Photocurrent Monitor Linearity Range
5
200
µA
IMONOFFSET Photocurrent Monitor Offset
0
10
µA
RJ
Random Jitter(2)
TBD
ps
Peak-to-peak
DJ
Deterministic Jitter(3)
TBD
ps
Peak-to-peak
Symbol
Parameter
Min
Typ
Max
Units
Conditions
GND
Negative Supply Rail
0
V
VCCS
Positive Supply Rail for 3.3V Operation
3.0
3.3
3.6
V
VCCD
Positive Supply Rail for 5V Operation
4.5
5.0
5.5
V
ICC
Power Supply Current
65
75
mA
3.3V
VOUT-CM
Common-Mode Voltage on Output Pins
VCCS -
125mV
Applicable to VOUTP and
VOUTN pins at 50
Ω load.
VANODE
Internal DC Bias Voltage on Detector
Anode Contact
0.8
0.9
1.0
V
VCATHODE
Interal DC Bias Voltage on Detector
Cathode Contact
VCCS -
0.15V
VCCS
V
VCAT-EXT
External DC Bias Voltage Permissable
on Detector Cathode Contact
3.3
10
V
VAPD
External DC Bias Voltage for Use with
Avalanche Photodetector
60
V
Symbol
Parameter
Min
Typ
Max
Units
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com