Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7969 Datasheet(PDF) 5 Page - Vitesse Semiconductor Corporation

Part # VSC7969
Description  3.125Gb/s Integrated Transimpedance and Limiting Amplifier with Signal Detect
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7969 Datasheet(HTML) 5 Page - Vitesse Semiconductor Corporation

  VSC7969 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7969 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7969 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7969 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7969 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7969 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7969 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7969 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7969 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC7969
3.125Gb/s Integrated Transimpedance
and Limiting Amplifier with Signal Detect
G52355-0, Rev 2.0
Page 5
02/09/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Table 3: Pad Coordinates
Signal
Name
Pad
Number
Coordinates (µm)
Description
X
Y
GND
1
130
250
Negative power supply rail (typically 0V)
BG_VREF
2
130
375
Band Gap voltage reference 1.24V for testpoint, no connect
GND
3
130
500
Negative power supply rail (typically 0V)
SD_TP
4
130
625
Signal Detect test point, DO NOT CONNECT.
SD_ADJ
5
130
750
Signal Detect threshold adjustment (see Application amd Usage
section)
VOUTN
6
137
875
Complementary logic output (logic LOW when photocurrent is
HIGH)
SD_OUT
7
280
875
Signal detect output (logic HIGH when photocurrent exceeds
SDA)
GND
8
405
875
Negative power supply rail (typically 0V)
VOUTN
9
530
875
Complementary logic output (logic LOW when photocurrent is
HIGH)
GND
10
655
875
Negative power supply rail (typically 0V)
VOUTP
11
780
875
Positive logic output (logic HIGH when photocurrent is HIGH)
GND
12
905
875
Negative power supply rail (typically 0V)
IMON
13
1030
875
Photocurrent Monitor
VOUTP
14
1173
875
Positive logic output (logic HIGH when photocurrent is HIGH)
GMD
15
1180
750
Negative power supply rail (typically 0V)
CSDN
16
1180
625
Test point for Signal Detect capacitor. DO NOT CONNECT.
CSDP
17
1180
500
Test point for Signal Detect capacitor. DO NOT CONNECT.
GND
18
1180
375
Negative power supply rail (typically 0V)
GND
19
1180
250
Negative power supply rail (typically 0V)
GND
20
1030
125
Negative power supply rail (typically 0V)
GND
21
905
125
Negative power supply rail (typically 0V)
FILTER
22
780
125
Photodetector cathode connection (filtered VCC)
IN
23
530
125
Photodetector anode connection
GND
24
405
125
Negative power supply rail (typically 0V)
VCCS
25
280
125
Positive power supply rail for 3.3V operation
VCCD
26
137
125
Positive power supply rail for 5V operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com