Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7969 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC7969
Description  3.125Gb/s Integrated Transimpedance and Limiting Amplifier with Signal Detect
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7969 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC7969 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7969 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7969 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7969 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7969 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7969 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7969 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7969 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7969 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC7969
3.125Gb/s Integrated Transimpedance
and Limiting Amplifier with Signal Detect
G52355-0, Rev 2.0
Page 1
02/09/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Features
Applications
General Description
The VSC7969 is a 3.125Gb/s transimpedance amplifier IC with a built-in limiting amplifier, a signal detect
feature and a photocurrent monitor. The VSC7969 does not require any external electrical components in the
construction of a high performance optical receiver such as for SONET/SDH applications. The analog output is
a differential signal with a minimum amplitude of 200mVp-p (single-ended). The VSC7969 operates with a sin-
gle power supply with a maximum power dissipation of 300mW. A PIN photodiode or APD can be connected
and separately biased to provide optimal performance.
The VSC7969 provides filtered bias for MSM and PIN photodetectors; applications using an APD photode-
tector must supply bias separately. The VSC7969 also provides a photocurrent monitor whose output is linearly
proportional to the input photocurrent.
The VSC7969 can operate from a single +3.3V supply or a +5V or -5.2V supply. The VSC7969 is offered
in die form and in a 16-pin plastic thin-shrink small outline package (TSSOP-16). A fully tested TO-46 outline
packaged receiver with a photodetector is also available.
Block Diagram
• Integrated TIA and Limiting Amplifier
• Low Power Consumption for SFF Applications
• TO Package-Compatible Layout
• On-Chip Signal Detect
• On-Chip Linear Photocurrent Monitor
• Single 3.3V Supply
• 5V Supply Operation via Wirebond Option
• Compatible with PIN or Avalanche Detectors
• Packages: 16-Pin TSSOP, TO-46, Bare Die
50
Ω
Regulator
VSC7969
+3.3V
0.1µF
VOUTP
VCCD
Outputs need to
be AC-coupled
Dual power supply pins are
provided for +5V or +3.3V
operation. Only one power
supply pin should be connected.
VCCS
VOUTN
SD_OUT
SD_ADJ
IMON
0.1µF
+3.3V
+5V
50
Ω
Signal
Detect
Monitor
Filter
In
GND
• 2.488Gb/s, 3.125Gb/s SONET OC-48/
SDH STM-16
• 2.125Gb/s Fibre Channel
• 2.5Gb/s or 3.125Gb/s Ethernet Applications with
8B/10B Overhead
• SFF Transceivers


Similar Part No. - VSC7969

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7961 VITESSE-VSC7961 Datasheet
95Kb / 10P
3.125Gb/s PECL Limiting Amplifier with LOS Detect
VSC7961W VITESSE-VSC7961W Datasheet
95Kb / 10P
3.125Gb/s PECL Limiting Amplifier with LOS Detect
VSC7961YD VITESSE-VSC7961YD Datasheet
95Kb / 10P
3.125Gb/s PECL Limiting Amplifier with LOS Detect
VSC7964 VITESSE-VSC7964 Datasheet
525Kb / 2P
1/2/4 Gbps Integrated VCSEL Driver and Limiting Amplifier
VSC7965 VITESSE-VSC7965 Datasheet
1Mb / 2P
PON Integrated 155 Mbps to 1.25 Gbps Burst-mode Laser Driver and Limiting Amplifier
More results

Similar Description - VSC7969

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88943V MICREL-SY88943V Datasheet
71Kb / 8P
5V/3.3V 2.5Gbps LIMITING POST AMPLIFIER WITH SIGNAL DETECT
logo
Vitesse Semiconductor C...
VSC7959 VITESSE-VSC7959 Datasheet
96Kb / 10P
3.125Gb/s CML Limiting Amplifier with LOS Detect
VSC7961 VITESSE-VSC7961 Datasheet
95Kb / 10P
3.125Gb/s PECL Limiting Amplifier with LOS Detect
logo
Micrel Semiconductor
SY88943V MICREL-SY88943V_05 Datasheet
53Kb / 6P
5V/3.3V 2.5Gbps LIMITING POST AMPLIFIER WITH SIGNAL DETECT
logo
Texas Instruments
ONET8531T TI-ONET8531T Datasheet
387Kb / 15P
11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8501T TI-ONET8501T Datasheet
396Kb / 15P
11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8541T TI1-ONET8541T Datasheet
485Kb / 16P
11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8551T TI1-ONET8551T Datasheet
483Kb / 16P
11.3-Gbps Limiting Transimpedance Amplifier With RSSI
logo
TriQuint Semiconductor
TIA56 TRIQUINT-TIA56_15 Datasheet
259Kb / 1P
43 Gb/s Limiting Transimpedance Amplifier
TIA56A TRIQUINT-TIA56A_15 Datasheet
261Kb / 1P
43 Gb/s Limiting Transimpedance Amplifier with PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com