Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7969 Datasheet(PDF) 9 Page - Vitesse Semiconductor Corporation

Part # VSC7969
Description  3.125Gb/s Integrated Transimpedance and Limiting Amplifier with Signal Detect
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7969 Datasheet(HTML) 9 Page - Vitesse Semiconductor Corporation

Back Button VSC7969 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7969 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7969 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7969 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7969 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC7969 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC7969 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC7969 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC7969 Datasheet HTML 13Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC7969
3.125Gb/s Integrated Transimpedance
and Limiting Amplifier with Signal Detect
G52355-0, Rev 2.0
Page 9
02/09/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Signal Detect
The signal detect feature of the VSC7969 provides a CMOS level output corresponding to the input current
level to the transimpedance amplifier. The assert and deassert levels of the signal detect pin can be adjusted by
placing an optional resistor from SD_ADJ to ground. The following tables show the two extremes at which the
signal detect pin will operate; open circuit and short-ciruit to ground.
Table 5: Signal Detect Function, SD_ADJ Open
With SD_ADJ (pin 16) shorted to ground, thresholds are 3dB higher, as shown in Table 6.
Table 6: Signal Detect Function, SD_ADJ Shorted to Ground
Photodetector Current Monitor
The IMON pin provides a linear measurement of the average input current from the photodetector to the
transimpedance amplifier. For example, if 20µA is the average input current to the transimpedance amplifier,
the current through the IMON pin will be 20µA (see the typical operating curve “IMON Characteristic, 0µA to
200µA). To use this feature, connect the IMON pin to VCC using a resistor less than 2kΩ. If this feature is not
used, the IMON pin can be left unconnected.
Electrical
Min
Typ
Max
Units
Assert
3
5
9
µA
Deassert
1
2.2
3
µA
Hysteresis
1
2
4
dB
Electrical
Min
Typ
Max
Units
Assert
6
10
18
µA
Deassert
2
4.4
6
µA
Hysteresis
1
2
4
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com