Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7969 Datasheet(PDF) 2 Page - Vitesse Semiconductor Corporation

Part # VSC7969
Description  3.125Gb/s Integrated Transimpedance and Limiting Amplifier with Signal Detect
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7969 Datasheet(HTML) 2 Page - Vitesse Semiconductor Corporation

  VSC7969 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7969 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7969 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7969 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7969 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7969 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7969 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7969 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7969 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC7969
3.125Gb/s Integrated Transimpedance
and Limiting Amplifier with Signal Detect
Page 2
G52355-0, Rev 2.0
02/09/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Electrical Characteristics
Table 1: AC Specifications
Symbol
Parameter
Min
Typ
Max
Units
Conditions
∆I
PH
Input Photocurrent Swing
2.2
mA
Peak-to-peak AC current
amplitude
IPHS-AVG
Average Photocurrent Sensitivity
4
µA
-23dBm average optical power
with a detector responsitivity of
0.8A/W.
IPHS-PEAK
Peak Input Photocurrent Sensitivity
8
µA
-23dBm average optical power
with a detector responsitivity of
0.8A/W.
∆V
OUT-SE
Single-Ended Output Voltage
Amplitude
200
250
300
mV
Single-ended peak-to-peak
measurement, IIN >20µA.
∆V
OUT-DIFF
Differential Output Voltage Amplitude
400
500
600
mV
Differential peak-to-peak
measurement, IIN >20µA.
tR, tF
Rise and Fall Time
60
100
ps
At 2.2mAp-p input photocurrent
swing. 20% to 80%.
ZT
(1)
Transimpedance Gain
20k
27k
40k
Ω
Differential measurement
∆Z
T
(1)
Ripple in Passband Transimpedance
1
dB
Modulation frequency between FL
and BW
BW
Upper -3dB Bandwidth
2.2
2.5
3.0
GHz
Referenced to 10MHz,
CPD = 0.6pF
FL
Lower -3dB Cutoff Frequency
100
kHz
Referenced to 10MHz, CPD =
0.6pF with no external
components
ZO
Output Impedance
50
Ω
Single-ended
PSRR
Power Supply Rejection Ratio
TBD
INOISE
Input-Referred rms Noise Current
500
nA
30kHz to 2.5GHz
CPD
Photodetector Capacitance
0.4
0.6
0.8
pF
Bias voltage on detector at 2.0V
SDH
Signal Detect Hysterisis
1
2
4
dB
Electrical measurement on SD pin
SDA-OPEN
Signal Detect Assertion Level
3
5
9
µA
Average photocurrent with SD
open.
SDD-OPEN
Signal Detect Deasseration Level
1.0
2.2
3.0
µA
Average photocurrent with SD
open.
SDA-SHORT
Signal Detect Asseration Level
6
10
18
µA
Average photocurrent with SD
shorted to ground.
SDD-SHORT
Signal Detect Deasseration Level
2.0
4.4
6.0
µA
Average photocurrent with SD
shorted to ground.
SDHIGH
Signal Detect HIGH Logic Level
VCCS
- 0.3
V
SDLOW
Signal Detect LOW Logic Level
0.5
0.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com