Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7969 Datasheet(PDF) 14 Page - Vitesse Semiconductor Corporation

Part # VSC7969
Description  3.125Gb/s Integrated Transimpedance and Limiting Amplifier with Signal Detect
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7969 Datasheet(HTML) 14 Page - Vitesse Semiconductor Corporation

Back Button VSC7969 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7969 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7969 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7969 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC7969 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC7969 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC7969 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC7969 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC7969 Datasheet HTML 14Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC7969
3.125Gb/s Integrated Transimpedance
and Limiting Amplifier with Signal Detect
Page 14
G52355-0, Rev 2.0
02/09/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Ordering Information
The order number for this product is formed by a combination of the device type and package type.
VSC7969 xx
Device Type
Package
3.125Gb/s Integrated Transimpedance
YD1:
TSSOP-16, 3.3V Supply
YD2:
TSSOP-16, 5V Supply
W:
Dice Waffle Pack
WD1A: TO-46 Ball Lens, 3.3V Supply, VOUTN/VOUTP Outputs
WD1B: TO-46 Ball Lens, 3.3V Supply, VOUTN/IMON Outputs
WD2A: TO-46 Ball Lens, 5V Supply, VOUTN/VOUTP Outputs
WD2B: TO-46 Ball Lens, 5V Supply, VOUTN/IMON Outputs
and Limiting Amplfier with Signal Detect
Notice
Vitesse Semiconductor Corporation (“Vitesse”) provides this document for informational purposes only. This document contains pre-production
information about Vitesse products in their concept, development and/or testing phase. All information in this document, including descriptions of
features, functions, performance, technical specifications and availability, is subject to change without notice at any time. Nothing contained in this
document shall be construed as extending any warranty or promise, express or implied, that any Vitesse product will be available as described or
will be suitable for or will accomplish any particular task.
Vitesse products are not intended for use in life support appliances, devices or systems. Use of a Vitesse product in such applications without writ-
ten consent is prohibited.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com