Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7983PUR Datasheet(PDF) 1 Page - STMicroelectronics

Part # L7983PUR
Description  60 V, 300 mA synchronous step-down switching regulator with 10 μA quiescent current
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7983PUR Datasheet(HTML) 1 Page - STMicroelectronics

  L7983PUR Datasheet HTML 1Page - STMicroelectronics L7983PUR Datasheet HTML 2Page - STMicroelectronics L7983PUR Datasheet HTML 3Page - STMicroelectronics L7983PUR Datasheet HTML 4Page - STMicroelectronics L7983PUR Datasheet HTML 5Page - STMicroelectronics L7983PUR Datasheet HTML 6Page - STMicroelectronics L7983PUR Datasheet HTML 7Page - STMicroelectronics L7983PUR Datasheet HTML 8Page - STMicroelectronics L7983PUR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
Features
•
3.5 V to 60 V operating input voltage
•
Fixed output voltage (3.3 V and 5 V) or adjustable from 0.85 V to VIN
•
300 mA DC output current
•
Dynamic low consumption mode to low noise mode selection
•
10 µA operating quiescent current (L7983PU33R, VIN > 24 V, LCM)
•
2.3 µA shutdown current
•
200 kHz to 2.2 MHz programmable switching frequency
•
Optional spread spectrum (dithering)
•
Internal soft-start
•
Enable / adjustable UVLO threshold
•
Synchronization to external clock
•
Internal compensation network
•
Internal current limiting
•
Overvoltage protection
•
Output voltage sequencing
•
Thermal shutdown
Applications
•
Designed for 12 V, 24 V and 48 V buses
•
Battery powered applications
•
Decentralized intelligent nodes
•
Fail safe system
•
Sensors and low noise applications (LNM)
Description
The L7983 device is a step-down monolithic switching regulator able to deliver up to
300 mA DC based on peak current mode architecture.
The output voltage adjustability ranges from 0.85 V to VIN. The wide input voltage
range and adjustable UVLO threshold meet the specification for the 12 V, 24 V and
48 V industrial bus standards.
The “Low Consumption Mode” (LCM) is designed for applications active during idle
mode, so it maximizes the efficiency at light load with controlled output voltage ripple.
The “Low Noise Mode” (LNM) makes the switching frequency constant overload
current range, meeting the low noise application specification. The L7983 supports
dynamic LCM to LNM transition.
The soft-start time is internally fixed and the output voltage supervisor manages the
reset phase for any digital load (microcontroller, FPGA, etc.).
The internal compensation network features high noise immunity, simple design and
saves on the component cost.
The RST open collector output can also implement output voltage sequencing during
the power-up phase.
Maturity status link
L7983
60 V, 300 mA synchronous step-down switching regulator with 10 µA quiescent
current
L7983
Datasheet
DS13354 - Rev 1 - October 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - L7983PUR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L7980 STMICROELECTRONICS-L7980 Datasheet
1Mb / 44P
2 A step-down switching regulator
13-Dec-2010
L7980A STMICROELECTRONICS-L7980A Datasheet
1Mb / 44P
2 A step-down switching regulator
13-Dec-2010
L7980ATR STMICROELECTRONICS-L7980ATR Datasheet
1Mb / 44P
2 A step-down switching regulator
13-Dec-2010
L7980TR STMICROELECTRONICS-L7980TR Datasheet
1Mb / 44P
2 A step-down switching regulator
13-Dec-2010
L7981 STMICROELECTRONICS-L7981 Datasheet
1Mb / 44P
3 A step-down switching regulator
01-Jul-2010
More results

Similar Description - L7983PUR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1879 LINER-LTC1879 Datasheet
261Kb / 20P
1.2A Synchronous Step-Down Regulator with 15mA Quiescent Current
LTC1879 LINER-LTC1879_15 Datasheet
267Kb / 20P
1.2A Synchronous Step-Down Regulator with 15A Quiescent Current
logo
Seiko Instruments Inc
S-85S0A SII-S-85S0A Datasheet
2Mb / 30P
5.5 V INPUT, 50 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
S85S1A SII-S85S1A Datasheet
2Mb / 30P
5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
S85V1A SII-S85V1A Datasheet
2Mb / 30P
5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 10 uA QUIESCENT CURRENT
logo
ABLIC Inc.
S-85M0A ABLIC-S-85M0A Datasheet
550Kb / 28P
5.6 V INPUT, 50 mA, LOW EMI, SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
Rev.1.0_01
S-85M1A ABLIC-S-85M1A Datasheet
674Kb / 28P
5.6 V INPUT, 200 mA, LOW EMI, SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
Rev.1.0_00
S-85S0A ABLIC-S-85S0A Datasheet
1Mb / 30P
5.5 V INPUT, 50 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
Rev.1.2_00
S-85S1A ABLIC-S-85S1A Datasheet
1Mb / 30P
5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
Rev.1.4_00
S-85V1A ABLIC-S-85V1A Datasheet
1Mb / 30P
5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 10 ?쵡 QUIESCENT CURRENT
Rev.1.2_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com