Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7983PUR Datasheet(PDF) 21 Page - STMicroelectronics

Part # L7983PUR
Description  60 V, 300 mA synchronous step-down switching regulator with 10 μA quiescent current
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7983PUR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L7983PUR Datasheet HTML 17Page - STMicroelectronics L7983PUR Datasheet HTML 18Page - STMicroelectronics L7983PUR Datasheet HTML 19Page - STMicroelectronics L7983PUR Datasheet HTML 20Page - STMicroelectronics L7983PUR Datasheet HTML 21Page - STMicroelectronics L7983PUR Datasheet HTML 22Page - STMicroelectronics L7983PUR Datasheet HTML 23Page - STMicroelectronics L7983PUR Datasheet HTML 24Page - STMicroelectronics L7983PUR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
In LNM mode, the L7983 can sink current from the output. However, to protect the power components, a negative
current limit is implemented. If the sensed current is found lower than the INEG threshold, the low-side MOS is
promptly turned off and the high-side one is turned on until the inductor is discharged. When this occurs, the LS
MOS is allowed to turn on again.
Figure 20. Negative current limit example
L7983
Fault management
DS13354 - Rev 1
page 21/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com