Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7983PUR Datasheet(PDF) 17 Page - STMicroelectronics

Part # L7983PUR
Description  60 V, 300 mA synchronous step-down switching regulator with 10 μA quiescent current
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7983PUR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L7983PUR Datasheet HTML 13Page - STMicroelectronics L7983PUR Datasheet HTML 14Page - STMicroelectronics L7983PUR Datasheet HTML 15Page - STMicroelectronics L7983PUR Datasheet HTML 16Page - STMicroelectronics L7983PUR Datasheet HTML 17Page - STMicroelectronics L7983PUR Datasheet HTML 18Page - STMicroelectronics L7983PUR Datasheet HTML 19Page - STMicroelectronics L7983PUR Datasheet HTML 20Page - STMicroelectronics L7983PUR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 43 page
background image
5.4
Enable and Reset
In order to maximize both the EN threshold accuracy and the current consumption, the device implements two
different enable thresholds:
•
The wake-up threshold, VWAKEUPH = 0.5 V typ.
•
The start-up threshold, VENH = 1.2 V typ.
As soon as the EN pin is detected above VWAKEUPH and VIN voltage is higher than VINH, the regulator turns on
the internal circuitry and waits for the VENH before starting the switching activity. When this occurs, the internal
voltage reference is increased by about 2 ms (typ.) in order to limit the inrush current and perform a smooth
output capacitor charge.
Figure 14. Turn-on example
L7983
Enable and Reset
DS13354 - Rev 1
page 17/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com