Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7983PUR Datasheet(PDF) 22 Page - STMicroelectronics

Part # L7983PUR
Description  60 V, 300 mA synchronous step-down switching regulator with 10 μA quiescent current
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7983PUR Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L7983PUR Datasheet HTML 18Page - STMicroelectronics L7983PUR Datasheet HTML 19Page - STMicroelectronics L7983PUR Datasheet HTML 20Page - STMicroelectronics L7983PUR Datasheet HTML 21Page - STMicroelectronics L7983PUR Datasheet HTML 22Page - STMicroelectronics L7983PUR Datasheet HTML 23Page - STMicroelectronics L7983PUR Datasheet HTML 24Page - STMicroelectronics L7983PUR Datasheet HTML 25Page - STMicroelectronics L7983PUR Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
5.6.2
Overvoltage protection (OVP)
In case the VOUT(FB) pin is detected above the VOVP threshold, the output overvoltage protection is triggered.
When this occurs, the RST pin is forced low and the L7983 actively discharges the output voltage by sinking
current (refer to Section 5.6.1 Overcurrent protection (OCP)).
Figure 21. Overvoltage protection
VOVP
VOVP-HYST
VOUT
RST
ILX
INEG
As soon as the OVP cause is removed, the proper switching activity is restored and RST output is released, with
the delay and threshold described in Section 5.4 .
5.6.3
Overtemperature protection (OTP)
If the device junction temperature increases above TSHDWN (165 °C typ.) the switching activity is inhibited until a
temperature drop of THYS (30 °C typ.) is detected.
When the switching activity is resumed, a soft-start is implemented. The OTP protection is always active.
L7983
Fault management
DS13354 - Rev 1
page 22/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com