Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7983PUR Datasheet(PDF) 4 Page - STMicroelectronics

Part # L7983PUR
Description  60 V, 300 mA synchronous step-down switching regulator with 10 μA quiescent current
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7983PUR Datasheet(HTML) 4 Page - STMicroelectronics

  L7983PUR Datasheet HTML 1Page - STMicroelectronics L7983PUR Datasheet HTML 2Page - STMicroelectronics L7983PUR Datasheet HTML 3Page - STMicroelectronics L7983PUR Datasheet HTML 4Page - STMicroelectronics L7983PUR Datasheet HTML 5Page - STMicroelectronics L7983PUR Datasheet HTML 6Page - STMicroelectronics L7983PUR Datasheet HTML 7Page - STMicroelectronics L7983PUR Datasheet HTML 8Page - STMicroelectronics L7983PUR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
2
Pin settings
Figure 3. Pin connection (top view)
1
VOUT/FB
2
3
4
5
EXPOSED
PAD TO
GND
10
9
8
7
6
VBIAS
VCC
FSW
LNM/LCM
GND
LX
VIN
EN/UVLO
RST
Table 1. Pin description
N°
Pin
Description
1
VOUT/FB
Output voltage sensing. This pin operates as VOUT or FB accordingly with
selected part number:
•
VOUT is output voltage sensing with selected internal voltage divider.
•
FB is output voltage sensing with external resistor divider.
2
VBIAS
Input supply of the integrated LDO. Typically connected to the regulated output
voltage or an auxiliary rail to increase the efficiency at light load. Connect to GND
if not used or bypass with a 100 nF ceramic capacitor if supplied by the output
voltage or by an auxiliary rail.
3
VCC
Output of the integrated LDO that supplies the embedded analog circuitry.
Connect a ceramic capacitor (470 nF typ.) to filter internal voltage reference.
4
FSW
Switching frequency programming pin. Connect an external resistor to VCC or
GND.
5
LNM/LCM
Dynamic pin selection between Low Consumption Mode (LCM, active low) and
Low Noise Mode operation (LNM, active high). This pin can also be used for
synchronization with an external clock (clock-in function).
6
RST
Active low open collector output for output monitoring and power-up reset
sequencing. RST is driven in low impedance when the output voltage is out of
regulation and released once the output voltage becomes valid.
7
EN/UVLO
Active high enable pin, VIN compatible. It can be exploited with an external
resistor divider to adjust the input undervoltage lockout (UVLO).
8
VIN
DC input voltage
9
LX
Switching node
10
GND
Ground
--
E.P.
Exposed pad must be connected to GND
L7983
Pin settings
DS13354 - Rev 1
page 4/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com