Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7983PUR Datasheet(PDF) 24 Page - STMicroelectronics

Part # L7983PUR
Description  60 V, 300 mA synchronous step-down switching regulator with 10 μA quiescent current
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7983PUR Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L7983PUR Datasheet HTML 20Page - STMicroelectronics L7983PUR Datasheet HTML 21Page - STMicroelectronics L7983PUR Datasheet HTML 22Page - STMicroelectronics L7983PUR Datasheet HTML 23Page - STMicroelectronics L7983PUR Datasheet HTML 24Page - STMicroelectronics L7983PUR Datasheet HTML 25Page - STMicroelectronics L7983PUR Datasheet HTML 26Page - STMicroelectronics L7983PUR Datasheet HTML 27Page - STMicroelectronics L7983PUR Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
COUT,LNM≥ ΔIL
8⋅FSW⋅ΔVOUT,PP,LNM
(8)
In case of light load and LCM working mode, the theoretical output voltage ripple is estimated by:
ΔVOUT,PP,LCM=L∙ISKIP2
2⋅COUT∙ VIN
VOUT∙ VIN−VOUT
(9)
The output capacitor selection is important also to guarantee the control loop stability.
A minimum capacitance value is necessary to limit the system bandwidth, FBW. A reasonable limit for FBW is the
minimum between FSW/8 and 150 kHz, which provides the following design equation:
COUT,BW≥ 0.8 A
FBW,MAX⋅VOUT
(10)
In the peak current mode architecture, working in LNM, there is a close relationship between the programmed
inductor peak current and the error amplifier input error (i.e. the difference between the output voltage sensed on
the FB pin and the internal reference voltage, VREF).
During a load transient, ΔIOUT, the theoretical loop response depends on output capacitor and designed system
bandwidth:
∆VOUT,LTR≈ ∆IOUT
2π∙FBW⋅COUT
(11)
The L7983 implements a fixed integrated compensation network so the output capacitor selection, as highlighted
by Eq. (10), directly impacts the system bandwidth and, at the end, also the expected load transient performance
as described by Eq. (11).
The above listed design suggestions are summarized in Table 8 below which considers the most common voltage
conversions.
Table 8. Reference applications – VIN = 24 V, CIN = 1 µF, CVCC = 470 nF
VOUT [V]
FSW [kHz]
L [µH]
COUT [µF]
RFSW [kΩ]
RU [kΩ]
RD [kΩ]
Note
1.5
200
100
22
1.8
43
56
VBIAS = GND
500
33
10
5.6
1000
22
4.7
0
3.3
200
220
10
1.8
180
62
L7983PU33R to avoid RU and
RD. VBIAS = VOUT
500
68
4.7
5.6
1000
47
2.2
0
1500
22
2.2
18
5
200
330
6.8
1.8
300
62
L7983PU50R to avoid RU and
RD. VBIAS = VOUT
500
100
3.3
5.6
1000
47
2.2
0
2200
22
2.2
56
12
200
330
3.3
1.8
510
39
VBIAS = VOUT
500
150
2.2
5.6
1000
68
1
0
2200
33
1
56
5.7.4
Layout considerations
The PCB layout of the switching DC-DC regulators minimizes the noise injected in high impedance nodes and
interference generated by the high current switching loops.
L7983
Application design guidelines
DS13354 - Rev 1
page 24/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com