Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7983PUR Datasheet(PDF) 41 Page - STMicroelectronics

Part # L7983PUR
Description  60 V, 300 mA synchronous step-down switching regulator with 10 μA quiescent current
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7983PUR Datasheet(HTML) 41 Page - STMicroelectronics

Back Button L7983PUR Datasheet HTML 35Page - STMicroelectronics L7983PUR Datasheet HTML 36Page - STMicroelectronics L7983PUR Datasheet HTML 37Page - STMicroelectronics L7983PUR Datasheet HTML 38Page - STMicroelectronics L7983PUR Datasheet HTML 39Page - STMicroelectronics L7983PUR Datasheet HTML 40Page - STMicroelectronics L7983PUR Datasheet HTML 41Page - STMicroelectronics L7983PUR Datasheet HTML 42Page - STMicroelectronics L7983PUR Datasheet HTML 43Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 41 / 43 page
background image
List of tables
Table 1.
Pin description...................................................................... 4
Table 2.
Absolute maximum ratings ............................................................. 5
Table 3.
Thermal data....................................................................... 5
Table 4.
ESD performance ................................................................... 5
Table 5.
Recommended operating conditions....................................................... 6
Table 6.
Electrical characteristics ............................................................... 7
Table 7.
FSW pin programming resistor ......................................................... 15
Table 8.
Reference applications – VIN = 24 V, CIN = 1 µF, CVCC = 470 nF.................................. 24
Table 9.
L7983PUR evaluation board component list (BOM) ........................................... 28
Table 10.
L7983PU33R evaluation board component list (BOM) ......................................... 30
Table 11.
L7983PU50R evaluation board component list (BOM) ......................................... 32
Table 12.
DFN10 (3 x 3 x 0.8 mm) mechanical data .................................................. 36
Table 13.
Order codes ...................................................................... 37
Table 14.
Document revision history ............................................................. 38
L7983
List of tables
DS13354 - Rev 1
page 41/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com