Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24128X-FCU6T/T Datasheet(PDF) 12 Page - STMicroelectronics

Part # M24128X-FCU6T/T
Description  128-Kbit serial I²C bus EEPROM with configurable device address and software write protection, delivered in 4-ball CSP
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24128X-FCU6T/T Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M24128X-FCU6T/T Datasheet HTML 8Page - STMicroelectronics M24128X-FCU6T/T Datasheet HTML 9Page - STMicroelectronics M24128X-FCU6T/T Datasheet HTML 10Page - STMicroelectronics M24128X-FCU6T/T Datasheet HTML 11Page - STMicroelectronics M24128X-FCU6T/T Datasheet HTML 12Page - STMicroelectronics M24128X-FCU6T/T Datasheet HTML 13Page - STMicroelectronics M24128X-FCU6T/T Datasheet HTML 14Page - STMicroelectronics M24128X-FCU6T/T Datasheet HTML 15Page - STMicroelectronics M24128X-FCU6T/T Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
6.1.3
Minimizing write delays by polling on ACK
During the internal write cycle, the device disconnects itself from the bus, and writes a copy of the data from its
internal latches to the memory cells. The maximum write time (tw) is shown in AC characteristics tables in Section
9 DC and AC parameters, but the typical time is shorter. To make use of this, a polling sequence can be used by
the bus master.
The sequence, as shown in Figure 7, is:
•
Initial condition: a write cycle is in progress.
•
Step 1: the bus master issues a start condition followed by a device select code (the first byte of the new
instruction).
•
Step 2: if the device is busy with the internal write cycle, no ACK will be returned and the bus master goes
back to step 1. If the device has terminated the internal write cycle, it responds with an ACK, indicating that
the device is ready to receive the second part of the instruction (the first byte of this instruction having been
sent during step 1).
Note:
In case of write to chip enable register when C2, C1 and C0 are re-configured, the device will return ACK only if:
- chip enable address of the device select code is equal to the new C2, C1 and C0 values
- an internal write cycle is completed (new C2, C1 and C0 values have been programmed in the chip enable
register).
Figure 7. Write cycle polling flowchart using ACK
Write cycle
in progress
Next
operation is
addressing the
memory
Start condition
ACK
returned
YES
NO
YES
NO
Re-start
Stop
Data for the
write operation
Send address
and receive ACK
YES
NO
Continue the
write operation
Continue the
random read operation
Device select
with RW = 1
First byte of instruction
with RW = 0 already
decoded by the device
Device select
with RW = 0
StartCondition
1.
The seven most significant bits of the device select code of a random read (bottom right box in the figure)
must be identical to the seven most significant bits of the device select code of the write (polling instruction
in the figure).
M24128X-FCU
Write operations on memory array
DS12680 - Rev 2
page 12/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com