Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24128X-FCU6T/T Datasheet(PDF) 31 Page - STMicroelectronics

Part # M24128X-FCU6T/T
Description  128-Kbit serial I²C bus EEPROM with configurable device address and software write protection, delivered in 4-ball CSP
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24128X-FCU6T/T Datasheet(HTML) 31 Page - STMicroelectronics

Back Button M24128X-FCU6T/T Datasheet HTML 27Page - STMicroelectronics M24128X-FCU6T/T Datasheet HTML 28Page - STMicroelectronics M24128X-FCU6T/T Datasheet HTML 29Page - STMicroelectronics M24128X-FCU6T/T Datasheet HTML 30Page - STMicroelectronics M24128X-FCU6T/T Datasheet HTML 31Page - STMicroelectronics M24128X-FCU6T/T Datasheet HTML 32Page - STMicroelectronics M24128X-FCU6T/T Datasheet HTML 33Page - STMicroelectronics M24128X-FCU6T/T Datasheet HTML 34Page - STMicroelectronics M24128X-FCU6T/T Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 35 page
background image
Contents
1
Description ........................................................................2
2
Signal description .................................................................4
2.1
Serial Clock (SCL).............................................................. 4
2.2
Serial Data (SDA) .............................................................. 4
2.3
VSS (ground) .................................................................. 4
2.4
Supply voltage (VCC) ........................................................... 4
2.4.1
Operating supply voltage (VCC) ............................................. 4
2.4.2
Power-up conditions ...................................................... 4
2.4.3
Device reset ............................................................ 4
2.4.4
Power-down conditions .................................................... 4
3
Memory organization ..............................................................5
4
Features...........................................................................6
4.1
Chip enable register ............................................................ 6
4.2
Configurable device address ..................................................... 6
4.3
Software Write Protect .......................................................... 6
5
Device operation ..................................................................7
5.1
Start condition ................................................................. 8
5.2
Stop condition ................................................................. 8
5.3
Data input..................................................................... 8
5.4
Acknowledge bit (ACK).......................................................... 8
5.5
Device addressing.............................................................. 8
6
Instructions .......................................................................9
6.1
Write operations on memory array ................................................ 9
6.1.1
Byte write ............................................................. 10
6.1.2
Page write............................................................. 11
6.1.3
Minimizing write delays by polling on ACK .................................... 12
6.2
Write operations on chip enable register .......................................... 13
6.3
Read operations on memory array ............................................... 14
6.3.1
Random address read.................................................... 15
M24128X-FCU
Contents
DS12680 - Rev 2
page 31/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com