Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24128X-FCU6T/T Datasheet(PDF) 20 Page - STMicroelectronics

Part # M24128X-FCU6T/T
Description  128-Kbit serial I²C bus EEPROM with configurable device address and software write protection, delivered in 4-ball CSP
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24128X-FCU6T/T Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M24128X-FCU6T/T Datasheet HTML 16Page - STMicroelectronics M24128X-FCU6T/T Datasheet HTML 17Page - STMicroelectronics M24128X-FCU6T/T Datasheet HTML 18Page - STMicroelectronics M24128X-FCU6T/T Datasheet HTML 19Page - STMicroelectronics M24128X-FCU6T/T Datasheet HTML 20Page - STMicroelectronics M24128X-FCU6T/T Datasheet HTML 21Page - STMicroelectronics M24128X-FCU6T/T Datasheet HTML 22Page - STMicroelectronics M24128X-FCU6T/T Datasheet HTML 23Page - STMicroelectronics M24128X-FCU6T/T Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
Table 12. Cycling performance
Symbol
Parameter
Test condition
Max.
Unit
Ncycle
Write cycle endurance (1)
TA ≤ 25 °C, VCC(min) < VCC < VCC(max)
4,000,000
Write cycles (2)
TA = 85°C, VCC(min) < VCC < VCC(max)
1.200.000
1. The Write cycle endurance is defined by characterization and qualification.
2. A Write cycle is executed when either a page write, or a byte write or a write chip enable register instruction
is decoded.
Table 13. Memory cell data retention
Parameter
Test condition
Min.
Unit
Data retention (1)
TA = 55 °C
200
Year
Cycling
TA = 25 °C
4 million
Cycle
1. The data retention behaviour is checked in production, while the data retention limit defined in this table is extracted from
characterization and qualification results.
Table 14. DC characteristics
Symbol
Parameter
Test conditions (in addition to those in Table 9)
Min.
Max.
Unit
ILI
Input leakage current
(SCL, SDA)
VIN = VSS or VCC
device in Standby mode
-
± 2
µA
ILO
Output leakage current
SDA in Hi-Z, external voltage applied on SDA: VSS or VCC
-
± 2
µA
ICC
Supply current (Read)
VCC < 1.7 V, fC = 400 kHz
-
0.8
mA
VCC ≥ 1.7 V, fC = 400 kHz
-
2
VCC ≥ 1.7 V, fC = 1 MHz
-
2.5
ICC0
Supply current (Write)(1)
During tW
-
2
mA
ICC1
Standby supply current
Device not selected, 6
VIN = VSS or VCC, VCC = 1.7 V
-
1
µA
Device not selected, 6VIN = VSS or VCC, VCC = 2.5 V
-
2
Device not selected, 6VIN = VSS or VCC, VCC = 5.5 V
-
3
VIL
Input low voltage
(SCL, SDA)
-
–0.45
0.25 VCC
V
VIH
Input high voltage
(SCL, SDA)
-
0.75 VCC VCC + 1
V
VOL
Output low voltage
IOL = 1 mA, VCC < 1.8 V
-
0.2
V
IOL = 2.1 mA, VCC = 2.5 V
-
0.4
V
IOL = 3 mA, VCC = 5.5 V
-
0.4
V
1. Characterized value, not tested in production
2. The device is not selected after power-up, after a read instruction (after the stop condition), or after the completion of the
internal write cycle tW (tW is triggered by the correct decoding of a write instruction).
M24128X-FCU
DC and AC parameters
DS12680 - Rev 2
page 20/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com