Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24128X-FCU6T/T Datasheet(PDF) 1 Page - STMicroelectronics

Part # M24128X-FCU6T/T
Description  128-Kbit serial I²C bus EEPROM with configurable device address and software write protection, delivered in 4-ball CSP
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24128X-FCU6T/T Datasheet(HTML) 1 Page - STMicroelectronics

  M24128X-FCU6T/T Datasheet HTML 1Page - STMicroelectronics M24128X-FCU6T/T Datasheet HTML 2Page - STMicroelectronics M24128X-FCU6T/T Datasheet HTML 3Page - STMicroelectronics M24128X-FCU6T/T Datasheet HTML 4Page - STMicroelectronics M24128X-FCU6T/T Datasheet HTML 5Page - STMicroelectronics M24128X-FCU6T/T Datasheet HTML 6Page - STMicroelectronics M24128X-FCU6T/T Datasheet HTML 7Page - STMicroelectronics M24128X-FCU6T/T Datasheet HTML 8Page - STMicroelectronics M24128X-FCU6T/T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
WLCSP
(CU)
Features
•
Compatible with the 400 kHz I²C protocol
•
High speed 1 MHz transfer rate
•
Memory array:
–
128 Kbit (16 Kbyte) of EEPROM
–
Page size: 32 byte
•
Supply voltage range:
–
1.7 V to 5.5 V over –40 °C / +85 °C
–
1.6 V to 5.5 V over 0 °C / +85 °C
•
Write
–
Byte write within 5 ms
–
Page write within 5 ms
•
Random and sequential read modes
•
Configurable device address
•
Software write protection
•
ESD protection
–
Human body model: 4 kV
•
Enhanced ESD / Latch-Up protection
•
More than 4 million write cycles
•
More than 200-year data retention
•
Package
–
RoHS and halogen free (ECOPACK2)
Product status link
M24128X-FCU
128-Kbit serial I²C bus EEPROM with configurable device address and software
write protection, delivered in 4-ball CSP
M24128X-FCU
Datasheet
DS12680 - Rev 2 - October 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - M24128X-FCU6T/T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24128X-FCU STMICROELECTRONICS-M24128X-FCU Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
More results

Similar Description - M24128X-FCU6T/T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M93S46-W STMICROELECTRONICS-M93S46-W Datasheet
556Kb / 32P
4 Kbit, 2 Kbit and 1 Kbit serial MICROWIRE bus EEPROM with write protection
January 2015 Rev 7
M24128S-FCU STMICROELECTRONICS-M24128S-FCU Datasheet
653Kb / 40P
128-Kbit serial I²C bus EEPROM 4 balls CSP
November 2015 Rev 7
M24128T-FCU STMICROELECTRONICS-M24128T-FCU Datasheet
599Kb / 36P
128-Kbit serial I²C bus EEPROM 4 balls CSP
October 2015 Rev 1
M24C64X-FCU STMICROELECTRONICS-M24C64X-FCU Datasheet
469Kb / 35P
64-Kbit serial I²C bus EEPROM with configurable device address and software write protection, delivered in 4-ball CSP
Rev 7 - September 2019
logo
Microchip Technology
24CS512 MICROCHIP-24CS512 Datasheet
1Mb / 66P
512-Kbit, 3.4MHz I2C Serial EEPROM with 128-Bit Serial Number and Enhanced Software Write Protection
02/28/20
logo
ON Semiconductor
N24S128 ONSEMI-N24S128 Datasheet
218Kb / 11P
128 Kb I2C CMOS Serial EEPROM with Software Write Protect and Programmable Device Address
April, 2019 - Rev. 2
logo
STMicroelectronics
M24256E-F STMICROELECTRONICS-M24256E-F Datasheet
864Kb / 46P
256-Kbit serial I2C bus EEPROM with configurable device address
August 2022 Rev 2
M24512-W STMICROELECTRONICS-M24512-W_V01 Datasheet
737Kb / 47P
512-Kbit serial I²C bus EEPROM
06-Oct-2020
M24256X-F STMICROELECTRONICS-M24256X-F Datasheet
692Kb / 42P
256-Kbit serial I²C bus EEPROM with configurable device address and software write protection, delivered in 4-ball WLCSP
Rev 2 - July 2021
M24C64P-FCU STMICROELECTRONICS-M24C64P-FCU Datasheet
631Kb / 36P
64-Kbit serial I²C bus EEPROM 4 balls CSP
10-Apr-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com